Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8CZ-15XC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF16V8CZ-15XC
Description  Highperformance EE PLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ-15XC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF16V8CZ-15XC Datasheet HTML 2Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 3Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 4Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 5Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 6Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 7Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 8Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 9Page - ATMEL Corporation ATF16V8CZ-15XC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
0453H–PLD–7/05
ATF16V8CZ
4.4
Input Test Waveforms
4.4.1
Input Test Waveforms and Measurement Levels
t
R, tF < 1.5 ns (10% to 90%)
4.4.2
Output Test Loads
Note:
Similar devices are tested with slightly different loads. These load differences may affect output
signals' delay and slew rate. Atmel devices are tested with sufficient margins to meet compatible
devices.
4.4.3
Pin Capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100%
tested.
Table 4-1.
Pin Capacitance (f = 1 MHz, T = 25
°C(1))
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0V
C
OUT
68
pF
V
OUT = 0V


Similar Part No. - ATF16V8CZ-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8CZ-15XC ATMEL-ATF16V8CZ-15XC Datasheet
381Kb / 10P
   High Performance E2 PLD
More results

Similar Description - ATF16V8CZ-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com