Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16LV8C-15XC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF16LV8C-15XC
Description  Highperformance EE PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C-15XC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF16LV8C-15XC Datasheet HTML 1Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 2Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 3Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Rev. 0403H–06/06
High-
performance
EE PLD
ATF16LV8C
Features
3.0V to 5.5V Operation
Industry-standard Architecture
– Emulates Many 20-pin PALs®
– Low-cost Easy-to-use Software Tools
High-speed
– 10 ns Maximum Pin-to-pin Delay
Ultra-low Power
–5
µA (Max) Pin-controlled Power-down Mode Option
– Typical 100 nA Standby
CMOS and TTL Compatible Inputs and Outputs
– I/O Pin-keeper Circuits
Advanced Flash Technology
– Reprogrammable
– 100% Tested
High-reliability CMOS Process
– 20 Year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latchup Immunity
Commercial and Industrial Temperature Ranges
Dual-in-line and Surface Mount Packages in Standard Pinouts
Inputs are 5V Tolerant
Green Package Options (Pb/Halide-free/RoHS Compliant) Available
Description
The ATF16LV8C is a high-performance EECMOS programmable logic device that uti-
lizes Atmel’s proven electrically-erasable Flash memory technology. Speeds down to
10 ns and a 5
µA pin-controlled power-down mode option are offered. All speed
Pin Configurations
All Pinouts Top View
Pin Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bi-directional Buffers
OE
Output Enable
VCC
(+3V to 5.5V) Supply
PD
Programmable Power-
down Option
PLCC
4
5
6
7
8
18
17
16
15
14
PD/I3
I4
I5
I6
I7
I/O
I/O
I/O
I/O
I/O
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
PD/I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
TSSOP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
PD/I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
(continued)


Similar Part No. - ATF16LV8C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16LV8C-15XC ATMEL-ATF16LV8C-15XC Datasheet
215Kb / 10P
   High- Performance EE PLD
More results

Similar Description - ATF16LV8C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com