Part Name
         Description
ATF16V8B_05

 Highperformance EE PLD ( 26 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
0364J–PLD–7/05
ATF16V8B/BQ/BQL
3.
Absolute Maximum Ratings*
Temperature Under Bias.................................-55oC to +125oC
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is VCC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ......................................-65oC to +150oC
Voltage on Any Pin with
Respect to Ground .......................................-2.0 V to +7.0 V(1)
Voltage on Input Pins
with Respect to Ground
During Programming...................................-2.0 V to +14.0 V(1)
Programming Voltage with
Respect to Ground .....................................-2.0 V to +14.0 V(1)
4.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0oC - 70oC-40oC - 85oC
V
CC Power Supply
5V
± 5%
5V
± 10%



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF22V10B_03Highperformance EE PLD 1 2 3 4 5 MoreATMEL Corporation
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFAST™ PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2128VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
XCR22V105V Zero Power TotalCMOS Universal PLD Device 1 2 3 4 5 MoreXilinx, Inc
ISPLSI2192VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
GAL22LV10Low Voltage E2CMOS PLD Generic Array Logic™ 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ATF16V8B_1High Performance Flash PLD 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl