Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C080-90PU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C080-90PU
Description  8-Megabit (1M x 8) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-90PU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C080-90PU Datasheet HTML 5Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 6Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 7Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 8Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 9Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 10Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 11Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 12Page - ATMEL Corporation AT27C080-90PU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
0360L–EPROM–12/07
AT27C080
18. Rapid Programming Algorithm
A 50 µs CE pulse width is used to program. The address is set to the first location. V
CC is
raised to 6.5V and OE/V
PP is raised to 13.0V. Each address is first programmed with one
50 µs CE pulse without verification. Then a verification reprogramming loop is executed for
each address. In the event a byte fails to pass verification, up to 10 successive 50 µs pulses
are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have
been applied, the part is considered failed. After the byte verifies properly, the next address is
selected until all have been checked. OE/V
PP is then lowered to VIL and VCC to 5.0V. All bytes
are read again and compared with the original data to determine if the device passes or fails.


Similar Part No. - AT27C080-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-90PC ATMEL-AT27C080-90PC Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-90PI ATMEL-AT27C080-90PI Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
More results

Similar Description - AT27C080-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com