Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C516 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C516
Description  512K (32K x 16) OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C516_08 Datasheet HTML 1Page - ATMEL Corporation AT27C516_08 Datasheet HTML 2Page - ATMEL Corporation AT27C516_08 Datasheet HTML 3Page - ATMEL Corporation AT27C516_08 Datasheet HTML 4Page - ATMEL Corporation AT27C516_08 Datasheet HTML 5Page - ATMEL Corporation AT27C516_08 Datasheet HTML 6Page - ATMEL Corporation AT27C516_08 Datasheet HTML 7Page - ATMEL Corporation AT27C516_08 Datasheet HTML 8Page - ATMEL Corporation AT27C516_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
0362E–EPROM–1/08
AT27C516
9.
AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement reference level is 1.5V for -45 devices. Input AC drive levels are V
IL = 0.0V and VIH = 3.0V. Timing mea-
surement reference levels for all other speed grades are V
OL = 0.8V and VOH = 2.0V. Input AC drive levels are VIL = 0.45V
and VIH = 2.4V.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE.
3. OE may be delayed up to t
ACC - tOE after the address is valid without impact on tACC.
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer driven.
10. AC Characteristics for Read Operation
Symbol
Parameter
Condition
AT27C516
Units
-45
-70
Min
Max
Min
Max
tACC
(3)
Address to Output Delay
CE = OE = VIL
45
70
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
45
70
ns
tOE
(2)(3)
OE to Output Delay
CE = VIL
20
25
ns
tDF
(4)(5)
OE or CE High to Output Float, whichever occurred first
20
25
ns
tOH
Output Hold from Address, CE or OE, Whichever
Occurred First
77
ns


Similar Part No. - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-10 ATMEL-AT27C516-10 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JC ATMEL-AT27C516-10JC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JI ATMEL-AT27C516-10JI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VC ATMEL-AT27C516-10VC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VI ATMEL-AT27C516-10VI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
More results

Similar Description - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Holtek Semiconductor In...
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
   COMS 512K x 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com