Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C516 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C516
Description  512K (32K x 16) OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27C516_08 Datasheet HTML 4Page - ATMEL Corporation AT27C516_08 Datasheet HTML 5Page - ATMEL Corporation AT27C516_08 Datasheet HTML 6Page - ATMEL Corporation AT27C516_08 Datasheet HTML 7Page - ATMEL Corporation AT27C516_08 Datasheet HTML 8Page - ATMEL Corporation AT27C516_08 Datasheet HTML 9Page - ATMEL Corporation AT27C516_08 Datasheet HTML 10Page - ATMEL Corporation AT27C516_08 Datasheet HTML 11Page - ATMEL Corporation AT27C516_08 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
0362E–EPROM–1/08
AT27C516
Notes:
1. V
CC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven –
see timing diagram.
3. Program Pulse width tolerance is 50 µsec
± 5%.
15. DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
ILI
Input Load Current
VIN = VIL, VIH
±10
µA
V
IL
Input Low Level
-0.6
0.8
V
VIH
Input High Level
2.0
V
CC + 0.1
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V
ICC2
VCC Supply Current (Program and Verify)
50
mA
IPP2
VPP Supply Current
CE = PGM = VIL
30
mA
V
ID
A9 Product Identification Voltage
11.5
12.5
V
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limit
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times:
(10% to 90%) 20 ns
Input Pulse Levels:
0.45V to 2.4V
Input Timing Reference Level:
0.8V to 2.0V
Output Timing Reference Level:
0.8V to 2.0V
2µs
tCES
CE Setup Time
2
µs
t
OES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
t
DH
Data Hold Time
2
µs
tDFP
OE High to Output Float Delay(2)
0130
ns
t
VPS
V
PP Setup Time
2
µs
t
VCS
V
CC Setup Time
2
µs
tPW
PGM Program Pulse Width(3)
47.5
52.5
µs
t
OE
Data Valid from OE
150
ns
t
PRT
V
PP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27C516 Integrated Product Identification Code
Codes
Pins
Hex
Data
A0
O15-O8
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0
00
01
111
0
001E
Device Type
1
0
11
11
001
0
00F2


Similar Part No. - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-10 ATMEL-AT27C516-10 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JC ATMEL-AT27C516-10JC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10JI ATMEL-AT27C516-10JI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VC ATMEL-AT27C516-10VC Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
AT27C516-10VI ATMEL-AT27C516-10VI Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
More results

Similar Description - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Holtek Semiconductor In...
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
   COMS 512K x 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com