Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C080 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT27C080_07 Datasheet HTML 2Page - ATMEL Corporation AT27C080_07 Datasheet HTML 3Page - ATMEL Corporation AT27C080_07 Datasheet HTML 4Page - ATMEL Corporation AT27C080_07 Datasheet HTML 5Page - ATMEL Corporation AT27C080_07 Datasheet HTML 6Page - ATMEL Corporation AT27C080_07 Datasheet HTML 7Page - ATMEL Corporation AT27C080_07 Datasheet HTML 8Page - ATMEL Corporation AT27C080_07 Datasheet HTML 9Page - ATMEL Corporation AT27C080_07 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
0360L–EPROM–12/07
AT27C080
11. Input Test Waveform and Measurement Levels
tR, tF < 20 ns (10% to 90%)
12. Output Test Load
Note:
CL = 100 pF including jig capacitance.
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
OUTPUT
PIN
1.3V
(1N914)
3.3K
CL
13. Pin Capacitance
f = 1 MHz, T = 25
° C(1)
Symbol
Typ
Max
Units
Conditions
CIN
48
pF
VIN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT27C080_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-10DC ATMEL-AT27C080-10DC Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10DI ATMEL-AT27C080-10DI Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10JC ATMEL-AT27C080-10JC Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10JI ATMEL-AT27C080-10JI Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10PC ATMEL-AT27C080-10PC Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
More results

Similar Description - AT27C080_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com