Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27BV010-90TI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27BV010-90TI
Description  1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV010-90TI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27BV010-90TI Datasheet HTML 6Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 7Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 8Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 9Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 10Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 11Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 12Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 13Page - ATMEL Corporation AT27BV010-90TI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
0344H–EPROM–12/07
AT27BV010
18. Rapid Programming Algorithm
A 100 µs PGM pulse width is used to program. The address is set to the first location. V
CC is
raised to 6.5V and V
PP is raised to 13.0V. Each address is first programmed with one 100 µs
PGM pulse without verification. Then a verification/reprogramming loop is executed for each
address. In the event a byte fails to pass verification, up to 10 successive 100
µs pulses are
applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been
applied, the part is considered failed. After the byte verifies properly, the next address is
selected until all have been checked. V
PP is then lowered to 5.0V and VCC to 5.0V. All bytes are
read again and compared with the original data to determine if the device passes or fails.


Similar Part No. - AT27BV010-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010-90TI ATMEL-AT27BV010-90TI Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
More results

Similar Description - AT27BV010-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com