Electronic Components Datasheet Search |
|
GI330.0224148 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG |
|
GI330.0224148 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG |
1 / 4 page www.baumerivo.com Incremental encoders 1 www.baumerivo.com www.baumerivo.com GI330 with end shaft Features Encoder with end shaft ø12 mm – Optical sensing – Resolution max. 6000 ppr – Center mounting or by clamping ring – Cost-efficient mounting – Technical data - electrical ratings Voltage supply 5 VDC ±10 % 4.75...30 VDC Reverse polarity protection Yes (4.75...30 VDC) Consumption w/o load ≤30 mA (24 VDC) ≤60 mA (5 VDC) Resolution (steps/turn) 5...6000 Reference signal Zero pulse, width 90° Sensing method Optical Output frequency ≤150 kHz Output signals A 90° B, N + inverted Output circuit Linedriver RS422 Push-pull short-circuit proof Interference immunity DIN EN 61000-6-2 Emitted interference DIN EN 61000-6-4 Approval UL approval / E63076 GI330, GI332 Technical data - mechanical design Housing ø58 mm Shaft ø12 mm end shaft Protection DIN EN 60529 IP 54 Operating speed ≤6000 rpm Starting torque ≤0.03 Nm Rotor moment of inertia 14.5 gcm² Materials Housing: aluminium Flange: aluminium Operating temperature -25...+100 °C (5 VDC) -25...+85 °C (24 VDC) Relative humidity 95 % non-condensing Resistance DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms Weight approx. 250 g E-connection Connector or cable End shaft up to ø12 mm Resolution 5...6000 pulses |
Similar Part No. - GI330.0224148 |
|
Similar Description - GI330.0224148 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |