Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R-70RI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C512R-70RI
Description  512K (64K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-70RI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C512R-70RI Datasheet HTML 1Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 2Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 3Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 4Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 5Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 6Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 7Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 8Page - ATMEL Corporation AT27C512R-70RI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
0015O–EPROM–12/07
AT27C512R
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics.
3. VH = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (VIL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Note:
1. VCC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP..
6.
Operating Modes
Mode/Pin
CE
OE/V
PP
Ai
Outputs
Read
V
IL
V
IL
Ai
D
OUT
Output Disable
VIL
VIH
X(1)
High Z
Standby
V
IH
X(1)
X
High Z
Rapid Program(2)
VIL
VPP
Ai
DIN
PGM Inhibit
VIH
VPP
X(1)
High Z
Product Identification(4)
VIL
VIL
A9 =V
H
(3)
A0 = VIH or VIL
A1 - A15 = VIL
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27C512R
-45
-70
Operating Temp.(Case)
Ind.
-40°C - 85°C
-40°C - 85°C
Auto.
-40
° C - 125° C
VCC Supply
5V ± 10%
5V ± 10%
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
Ind.
±1
µA
Auto.
±5
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
Ind.
±5
µA
Auto.
±10
µA
ISB
VCC
(1) Standby Current
I
SB1 (CMOS), CE = VCC
± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC
+0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
20
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V


Similar Part No. - AT27C512R-70RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-70RI ATMEL-AT27C512R-70RI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C512R-70RI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com