Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C1024-70VI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT27C1024-70VI
Description  1-Megabit (64K x 16) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-70VI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT27C1024-70VI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 9Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 10Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 11Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 12Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 13Page - ATMEL Corporation AT27C1024-70VI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
0019M–EPROM–12/07
AT27C1024
20. Packaging Information
20.1
44J – PLCC
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AC.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
4.191
4.572
A1
2.286
3.048
A2
0.508
D
17.399
17.653
D1
16.510
16.662
Note 2
E
17.399
17.653
E1
16.510
16.662
Note 2
D2/E2
14.986
16.002
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
D2/E2
B
e
E1
E
D1
D
44J, 44-lead, Plastic J-leaded Chip Carrier (PLCC)
B
44J
10/04/01
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.


Similar Part No. - AT27C1024-70VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-70VI ATMEL-AT27C1024-70VI Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
More results

Similar Description - AT27C1024-70VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com