Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C1024-70PI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27C1024-70PI
Description  1-Megabit (64K x 16) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-70PI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27C1024-70PI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 9Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 10Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 11Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 12Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 13Page - ATMEL Corporation AT27C1024-70PI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
0019M–EPROM–12/07
AT27C1024
19. Ordering Information
Note:
1. The 40-lead VSOP package is not recommended for new designs.
19.1
Standard Package
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT27C1024-45JI
AT27C1024-45PI
AT27C1024-45VI
44J
40P6
40V(1)
Industrial
(-40
° C to 85° C)
70
30
0.1
AT27C1024-70JI
AT27C1024-70PI
AT27C1024-70VI
44J
40P6
40V(1)
Industrial
(-40
° C to 85° C)
Note:
Not recommended for new designs. Use Green package option.
19.2
Green Package (Pb/Halide-free)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT27C1024-45JU
AT27C1024-45PU
44J
40P6
Industrial
(-40
° C to 85° C)
70
30
0.1
AT27C1024-70JU
AT27C1024-70PU
44J
40P6
Industrial
(-40
° C to 85° C)
Package Type
44J
44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
40V
40-Lead, Plastic Thin Small Outline Package (VSOP) 10 x 14 mm


Similar Part No. - AT27C1024-70PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-70PI ATMEL-AT27C1024-70PI Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
More results

Similar Description - AT27C1024-70PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com