Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C24NDS-PRTIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT83C24NDS-PRTIL
Description  Smart Card Reader Interface with Power Management
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRTIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT83C24NDS-PRTIL Datasheet HTML 3Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 4Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 5Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 6Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 7Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 8Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 9Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 10Page - ATMEL Corporation AT83C24NDS-PRTIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
4234G–SCR–01/07
AT83C24
Address Byte
The first byte to send to the device is the address byte. The device controls if the hardware
address (A2/CK, A1/RST, A0/3V pins on reset) corresponds to the address given in the
address byte (A2, A1, A0 bits).
If the level is not stable on A2/CK pin (or A1/RST pin, or A0/3V pin) at reset, the user has to send
the commands to the possible address taken by the device.
If A2/CK to A0/3V are tied to the host microcontroller and their reset values are unknown, a gen-
eral call on the TWI bus allows to reset all the AT83C24 devices and set their address after
A2/CK to A0/3V are fixed.
Figure 2. Address Byte
Up to 8 devices can be connected on the same TWI bus. Each device is configured with a differ-
ent combination on A2/CK, A1/RST, A0/3V pins. The corresponding address byte values for
read/write operations are listed below.
Table 2. Address Byte Values
A2
(A2/CK pin)
A1
(A1/RST pin)
A0
(A0/3V pin)
Address Byte
for
Read
Command
Address Byte
for
Write
Command
0
0
0
0x41
0x40
0
0
1
0x43
0x42
0
1
0
0x45
0x44
0
1
1
0x47
0x46
1
0
0
0x49
0x48
1
0
1
0x4B
0x4A
1
1
0
0x4D
0x4C
1
1
1
0x4F
0x4E
b7
b6
b5
b4
b3
b2
b1
b0
0
0
1
0
A2
A1
A0
R/W
Slave Address on 7 Bits
1 for READ Command
0 for WRITE Command


Similar Part No. - AT83C24NDS-PRTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24NDS-PRTIL ATMEL-AT83C24NDS-PRTIL Datasheet
723Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24NDS-PRTIL ATMEL-AT83C24NDS-PRTIL Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24NDS-PRTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B_05 Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
   SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
   Multiple Smart Card Reader Interface With Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com