Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845A Datasheet(PDF) 7 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UC3845A Datasheet HTML 3Page - STMicroelectronics UC3845A Datasheet HTML 4Page - STMicroelectronics UC3845A Datasheet HTML 5Page - STMicroelectronics UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics UC3845A Datasheet HTML 10Page - STMicroelectronics UC3845A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
0
200
400
600
IO(mA)
0
1
2
3
-2
-1
Vsat
(V)
D95IN341
Vi=15V
80
µs Pulsed Load 120Hz Rate
TA=-40°C
TA=25°C
Vi
TA=-40°C
TA=25°C
GND
Sink Saturation
(Load to Vi)
Source Saturation
(Load to Ground)
Figure 9: Output Saturation Voltage vs. Load
Current.
0
102030
Vi(V)
0
5
10
15
20
Ii
(mA)
RT=10K
CT=3.3nF
VFB=0V
ISense=0V
TA=25°C
D95IN342
Figure 10: Supply Current vs. Supply Voltage.
Figure 11: Output Waveform.
Figure 12: Output Cross Conduction
5V REG
OSCILLATOR
PWM
CLOCK
8
4
5
6
RT
CT
GND
OUTPUT
7
Vi
ID
CT
OUTPUT
LARGE RT/SMALL CT
CT
OUTPUT
SMALL RT/LARGE CT
D95IN344
Figure 13: Oscillator and Output Waveforms.
Vi =15V
CL = 1.0nF
TA =25
°C
90%
10%
50ns/DIV
Vi =30V
CL = 15pF
TA =25
°C
VO
ICC
100ns/DIV
100mA/DIV
20V/DIV
UC2842A/3A/4A/5A - UC3842A/3A/4A/5A
7/15


Similar Part No. - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3845A STMICROELECTRONICS-UC3845A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC3845A MICROSEMI-UC3845A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
logo
First Components Intern...
UC3845A FCI-UC3845A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results

Similar Description - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com