Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C256R-45JI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27C256R-45JI
Description  256K (32K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-45JI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27C256R-45JI Datasheet HTML 6Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 7Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 8Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 9Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 10Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 11Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 12Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 13Page - ATMEL Corporation AT27C256R-45JI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
0014M–EPROM–12/07
AT27C256R
19. Ordering Information
Note:
1. The 28-pin SOIC package is not recommended for new designs.
19.1
Standard Package
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
20
0.1
AT27C256R-45JI
AT27C256R-45PI
AT27C256R-45RI
AT27C256R-45TI
32J
28P6
28R(1)
28T
Industrial
(-40
° C to 85° C)
70
20
0.1
AT27C256R-70JI
AT27C256R-70PI
AT27C256R-70RI
AT27C256R-70TI
32J
28P6
28R(1)
28T
Industrial
(-40
° C to 85° C)
20
0.1
AT27C256R-70JA
AT27C256R-70PA
AT27C256R-70RA
32J
28P6
28R(1)
Automotive
(-40
° C to 125° C)
Note:
Not recommended for new designs. Use Green package option.
19.2
Green Package (Pb/Halide-free)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
20
0.1
AT27C256R-45JU
AT27C256R-45PU
AT27C256R-45RU
AT27C256R-45TU
32J
28P6
28R(1)
28T
Industrial
(-40
° C to 85° C)
70
20
0.1
AT27C256R-70JU
AT27C256R-70PU
AT27C256R-70RU
AT27C256R-70TU
32J
28P6
28R(1)
28T
Industrial
(-40
° C to 85° C)
Package Type
32J
32-lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT27C256R-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JI ATMEL-AT27C256R-45JI Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
More results

Similar Description - AT27C256R-45JI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com