Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C256F-15JI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT28C256F-15JI
Description  256K (32K x 8) Paged Parallel EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-15JI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT28C256F-15JI Datasheet HTML 3Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 4Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 5Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 6Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 7Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 8Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 9Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 10Page - ATMEL Corporation AT28C256F-15JI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
0006K–PEEPR–01/08
AT28C256
11. Input Test Waveforms and Measurement Level
12. Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
t
R, tF < 5 ns
13. Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT28C256F-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-15JI ATMEL-AT28C256F-15JI Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
More results

Similar Description - AT28C256F-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Microchip Technology
AT28C010 MICROCHIP-AT28C010 Datasheet
524Kb / 31P
   Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
2020
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com