Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88PA-AU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA88PA-AU
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88PA-AU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA88PA-AU Datasheet HTML 1Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA88PA-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
High Performance, Low Power AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 131 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-chip 2-cycle Multiplier
High Endurance Non-volatile Memory Segments
– 8K Bytes of In-System Self-Programmable Flash progam memory (ATmega88PA)
– 512 Bytes EEPROM (ATmega88PA)
– 1K Bytes Internal SRAM (ATmega88PA)
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Software Security
Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Six PWM Channels
– 8-channel 10-bit ADC in TQFP and QFN/MLF package
Temperature Measurement
– 6-channel 10-bit ADC in PDIP Package
Temperature Measurement
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Byte-oriented 2-wire Serial Interface (Philips I2C compatible)
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
I/O and Packages
– 23 Programmable I/O Lines
– 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
Operating Voltage:
– 1.8 - 5.5V for ATmega88PA
Temperature Range:
–-40
°C to 85°C
Speed Grade:
– 0 - 20 MHz @ 1.8 - 5.5V
Low Power Consumption at 1 MHz, 1.8V, 25°C for ATmega88PA:
– Active Mode: 0.2 mA
– Power-down Mode: 0.1 µA
– Power-save Mode: 0.75 µA (Including 32 kHz RTC)
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
ATmega88PA
Summary
Rev. 8161AS–AVR–11/08


Similar Part No. - ATMEGA88PA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88PA-AU ATMEL-ATMEGA88PA-AU Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
logo
Microchip Technology
ATMEGA88PA-AU MICROCHIP-ATMEGA88PA-AU Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA88PA-AU ATMEL-ATMEGA88PA-AU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA88PA-AUR ATMEL-ATMEGA88PA-AUR Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
logo
Microchip Technology
ATMEGA88PA-AUR MICROCHIP-ATMEGA88PA-AUR Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
More results

Similar Description - ATMEGA88PA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com