Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA325P-20MU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA325P-20MU
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325P-20MU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA325P-20MU Datasheet HTML 4Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 5Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 9Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 10Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 11Page - ATMEL Corporation ATMEGA325P-20MU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
8024AS–AVR–04/08
ATmega8HVA/16HVA
6.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
(0xFE)
BPPLR
BPPLE
BPPL
127
(0xFD)
BPCR
SCD
DOCD
COCD
DHCD
CHCD
127
(0xFC)
BPHCTR
HCPT[5:0]
130
(0xFB)
BPOCTR
OCPT[5:0]
129
(0xFA)
BPSCTR
SCPT[6:0]
128
(0xF9)
BPCHCD
CHCDL[7:0]
132
(0xF8)
BPDHCD
DHCDL[7:0]
132
(0xF7)
BPCOCD
COCDL[7:0]
131
(0xF6)
BPDOCD
DOCDL[7:0]
131
(0xF5)
BPSCD
SCDL[7:0]
131
(0xF4)
Reserved
(0xF3)
BPIFR
SCIF
DOCIF
COCIF
DHCIF
CHCIF
134
(0xF2)
BPIMSK
SCIE
DOCIE
COCIE
DHCIE
CHCIE
133
(0xF1)
Reserved
(0xF0)
FCSR
DUVRD
CPS
DFE
CFE
138
(0xEF)
Reserved
(0xEE)
Reserved
(0xED)
Reserved
(0xEC)
Reserved
(0xEB)
Reserved
(0xEA)
Reserved
(0xE9)
CADICH
CADIC[15:8]
110
(0xE8)
CADICL
CADIC[7:0]
110
(0xE7)
Reserved
(0xE6)
CADRC
CADRC[7:0]
111
(0xE5)
CADCSRB
CADACIE
CADICIE
CADACIF
CADRCIF
CADICIF
109
(0xE4)
CADCSRA
CADEN
CADPOL
CADUB
CADAS[1:0]
CADSI[1:0]
CADSE
107
(0xE3)
CADAC3
CADAC[31:24]
110
(0xE2)
CADAC2
CADAC[23:16]
110
(0xE1)
CADAC1
CADAC[15:8]
110
(0xE0)
CADAC0
CADAC[7:0]
110
(0xDF)
Reserved
(0xDE)
Reserved
(0xDD)
Reserved
(0xDC)
Reserved
(0xDB)
Reserved
(0xDA)
Reserved
(0xD9)
Reserved
(0xD8)
Reserved
(0xD7)
Reserved
(0xD6)
Reserved
(0xD5)
Reserved
(0xD4)
Reserved
(0xD3)
Reserved
(0xD2)
Reserved
(0xD1)
BGCRR
BGCR[7:0]
119
(0xD0)
BGCCR
BGD
BGCC[5:0]
118
(0xCF)
Reserved
(0xCE)
Reserved
(0xCD)
Reserved
(0xCC)
Reserved
(0xCB)
Reserved
(0xCA)
Reserved
(0xC9)
Reserved
(0xC8)
ROCR
ROCS
ROCWIF
ROCWIE
123
(0xC7)
Reserved
(0xC6)
Reserved
(0xC5)
Reserved
(0xC4)
Reserved
(0xC3)
Reserved
(0xC2)
Reserved
(0xC1)
Reserved
(0xC0)
Reserved


Similar Part No. - ATMEGA325P-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P-20MU ATMEL-ATMEGA325P-20MU Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega325P-20MU ATMEL-ATmega325P-20MU Datasheet
5Mb / 364P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA325P-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com