Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8HVA-4CKU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA8HVA-4CKU
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8HVA-4CKU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA8HVA-4CKU Datasheet HTML 4Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 5Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 6Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 7Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 8Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 9Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 10Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 11Page - ATMEL Corporation ATMEGA8HVA-4CKU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
8024AS–AVR–04/08
ATmega8HVA/16HVA
6.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
(0xFE)
BPPLR
BPPLE
BPPL
127
(0xFD)
BPCR
SCD
DOCD
COCD
DHCD
CHCD
127
(0xFC)
BPHCTR
HCPT[5:0]
130
(0xFB)
BPOCTR
OCPT[5:0]
129
(0xFA)
BPSCTR
SCPT[6:0]
128
(0xF9)
BPCHCD
CHCDL[7:0]
132
(0xF8)
BPDHCD
DHCDL[7:0]
132
(0xF7)
BPCOCD
COCDL[7:0]
131
(0xF6)
BPDOCD
DOCDL[7:0]
131
(0xF5)
BPSCD
SCDL[7:0]
131
(0xF4)
Reserved
(0xF3)
BPIFR
SCIF
DOCIF
COCIF
DHCIF
CHCIF
134
(0xF2)
BPIMSK
SCIE
DOCIE
COCIE
DHCIE
CHCIE
133
(0xF1)
Reserved
(0xF0)
FCSR
DUVRD
CPS
DFE
CFE
138
(0xEF)
Reserved
(0xEE)
Reserved
(0xED)
Reserved
(0xEC)
Reserved
(0xEB)
Reserved
(0xEA)
Reserved
(0xE9)
CADICH
CADIC[15:8]
110
(0xE8)
CADICL
CADIC[7:0]
110
(0xE7)
Reserved
(0xE6)
CADRC
CADRC[7:0]
111
(0xE5)
CADCSRB
CADACIE
CADICIE
CADACIF
CADRCIF
CADICIF
109
(0xE4)
CADCSRA
CADEN
CADPOL
CADUB
CADAS[1:0]
CADSI[1:0]
CADSE
107
(0xE3)
CADAC3
CADAC[31:24]
110
(0xE2)
CADAC2
CADAC[23:16]
110
(0xE1)
CADAC1
CADAC[15:8]
110
(0xE0)
CADAC0
CADAC[7:0]
110
(0xDF)
Reserved
(0xDE)
Reserved
(0xDD)
Reserved
(0xDC)
Reserved
(0xDB)
Reserved
(0xDA)
Reserved
(0xD9)
Reserved
(0xD8)
Reserved
(0xD7)
Reserved
(0xD6)
Reserved
(0xD5)
Reserved
(0xD4)
Reserved
(0xD3)
Reserved
(0xD2)
Reserved
(0xD1)
BGCRR
BGCR[7:0]
119
(0xD0)
BGCCR
BGD
BGCC[5:0]
118
(0xCF)
Reserved
(0xCE)
Reserved
(0xCD)
Reserved
(0xCC)
Reserved
(0xCB)
Reserved
(0xCA)
Reserved
(0xC9)
Reserved
(0xC8)
ROCR
ROCS
ROCWIF
ROCWIE
123
(0xC7)
Reserved
(0xC6)
Reserved
(0xC5)
Reserved
(0xC4)
Reserved
(0xC3)
Reserved
(0xC2)
Reserved
(0xC1)
Reserved
(0xC0)
Reserved


Similar Part No. - ATMEGA8HVA-4CKU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8HVA ATMEL-ATMEGA8HVA_14 Datasheet
333Kb / 22P
   Advanced RISC Architecture
ATMEGA8HVA ATMEL-ATMEGA8HVA_14 Datasheet
2Mb / 196P
   High Endurance Non-volatile Memorie segments
More results

Similar Description - ATMEGA8HVA-4CKU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com