Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA164PV-10MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA164PV-10MU
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164PV-10MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA164PV-10MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 9Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 10Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 11Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 12Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 13Page - ATMEL Corporation ATMEGA164PV-10MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
8011KS–AVR–09/08
ATmega164P/324P/644P
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
260
(0x7D)
Reserved
-
-
-
-
-
-
-
-
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
256
(0x7B)
ADCSRB
-ACME
-
-
-
ADTS2
ADTS1
ADTS0
239
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
258
(0x79)
ADCH
ADC Data Register High byte
259
(0x78)
ADCL
ADC Data Register Low byte
259
(0x77)
Reserved
-
-
-
-
-
-
-
-
(0x76)
Reserved
-
-
-
-
-
-
-
-
(0x75)
Reserved
-
-
-
-
-
-
-
-
(0x74)
Reserved
-
-
-
-
-
-
-
-
(0x73)
PCMSK3
PCINT31
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
71
(0x72)
Reserved
-
-
-
-
-
-
-
-
(0x71)
Reserved
-
-
-
-
-
-
-
-
(0x70)
TIMSK2
-
-
-
-
-
OCIE2B
OCIE2A
TOIE2
159
(0x6F)
TIMSK1
-
-ICIE1
-
-
OCIE1B
OCIE1A
TOIE1
138
(0x6E)
TIMSK0
-
-
-
-
-
OCIE0B
OCIE0A
TOIE0
110
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
71
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
71
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
72
(0x6A)
Reserved
-
-
-
-
-
-
-
-
(0x69)
EICRA
-
-
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
68
(0x68)
PCICR
-
-
-
-
PCIE3
PCIE2
PCIE1
PCIE0
70
(0x67)
Reserved
-
-
-
-
-
-
-
-
(0x66)
OSCCAL
Oscillator Calibration Register
41
(0x65)
Reserved
-
-
-
-
-
-
-
-
(0x64)
PRR
PRTWI
PRTIM2
PRTIM0
PRUSART1
PRTIM1
PRSPI
PRUSART0
PRADC
49
(0x63)
Reserved
-
-
-
-
-
-
-
-
(0x62)
Reserved
-
-
-
-
-
-
-
-
(0x61)
CLKPR
CLKPCE
-
-
-
CLKPS3
CLKPS2
CLKPS1
CLKPS0
41
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
60
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
11
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
12
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
12
0x3C (0x5C)
Reserved
-
-
-
-
-
-
-
-
0x3B (0x5B)
RAMPZ
-
-
-
-
-
-
-
RAMPZ0
15
0x3A (0x5A)
Reserved
-
-
-
-
-
-
-
-
0x39 (0x59)
Reserved
-
-
-
-
-
-
-
-
0x38 (0x58)
Reserved
-
-
-
-
-
-
-
-
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
SIGRD
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
292
0x36 (0x56)
Reserved
-
-
-
-
-
-
-
-
0x35 (0x55)
MCUCR
JTD
BODS
BODSE
PUD
-
-
IVSEL
IVCE
92/276
0x34 (0x54)
MCUSR
-
-
-
JTRF
WDRF
BORF
EXTRF
PORF
59/276
0x33 (0x53)
SMCR
-
-
-
-
SM2
SM1
SM0
SE
48
0x32 (0x52)
Reserved
-
-
-
-
-
-
-
-
0x31 (0x51)
OCDR
On-Chip Debug Register
266
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
258
0x2F (0x4F)
Reserved
-
-
-
-
-
-
-
-
0x2E (0x4E)
SPDR
SPI 0 Data Register
171
0x2D (0x4D)
SPSR
SPIF0
WCOL0
-
-
-
-
-SPI2X0
170
0x2C (0x4C)
SPCR
SPIE0
SPE0
DORD0
MSTR0
CPOL0
CPHA0
SPR01
SPR00
169
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
29
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
29
0x29 (0x49)
Reserved
-
-
-
-
-
-
-
-
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
110
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
109
0x26 (0x46)
TCNT0
Timer/Counter0 (8 Bit)
109
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
-
-
WGM02
CS02
CS01
CS00
108
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
-
-
WGM01
WGM00
110
0x23 (0x43)
GTCCR
TSM
-
-
-
-
-
PSRASY
PSR5SYNC
160
0x22 (0x42)
EEARH
-
-
-
-
EEPROM Address Register High Byte
24
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
24
0x20 (0x40)
EEDR
EEPROM Data Register
24
0x1F (0x3F)
EECR
-
-
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
24
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
29
0x1D (0x3D)
EIMSK
-
-
-
-
-
INT2
INT1
INT0
69
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA164PV-10MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PV-10MU ATMEL-ATMEGA164PV-10MU Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA164PV-10MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com