Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN128-16MI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90CAN128-16MI
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128-16MI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90CAN128-16MI Datasheet HTML 2Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 3Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 4Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 5Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 6Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 7Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 8Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 9Page - ATMEL Corporation AT90CAN128-16MI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
7679HS–CAN–08/08
AT90CAN32/64/128
Figure 1-3.
Pinout AT90CAN32/64/128 - QFN
Note:
The large center pad underneath the QFN package is made of metal and internally connected to
GND. It should be soldered or glued to the board to ensure good mechanical stability. If the center
pad is left unconnected, the package might loosen from the board.
1.6
Pin Descriptions
1.6.1
VCC
Digital supply voltage.
1.6.2
GND
Ground.
NC = Do not connect (May be used in future devices)
(1)
Timer2 Oscillator
(2)
PC0 (A8)
(RXD0 / PDI) PE0
(TXD0 / PDO) PE1
(XCK0 / AIN0) PE2
(OC3A / AIN1) PE3
(OC3B / INT4) PE4
(OC3C / INT5) PE5
(T3 / INT6) PE6
(ICP3 / INT7) PE7
(SS) PB0
(SCK) PB1
(MOSI) PB2
(MISO) PB3
(OC2A) PB4
(OC1B) PB6
(OC1A) PB5
PC1 (A9)
PC2 (A10)
PC3 (A11)
PC4 (A12)
PC5 (A13)
PC6 (A14)
PC7 (A15 / CLKO)
PA7 (AD7)
PG2 (ALE)
PA6 (AD6)
PA5 (AD5)
PA4 (AD4)
PA3 (AD3)
PG1 (RD)
PG0 (WR)
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
33
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
34
NC
(1)
(64-lead QFN top view)
INDEX CORNER


Similar Part No. - AT90CAN128-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-16MI ATMEL-AT90CAN128-16MI Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90CAN128-16MI ATMEL-AT90CAN128-16MI Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN128-16MI ATMEL-AT90CAN128-16MI Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN128-16MI ATMEL-AT90CAN128-16MI Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN128-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com