Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN128-16AI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT90CAN128-16AI
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128-16AI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT90CAN128-16AI Datasheet HTML 3Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 4Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 5Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 6Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 7Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 8Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 9Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 10Page - ATMEL Corporation AT90CAN128-16AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
7679HS–CAN–08/08
AT90CAN32/64/128
1.6.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the AT90CAN32/64/128 as listed
on page 74.
1.6.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the AT90CAN32/64/128 as listed
on page 76.
1.6.5
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port C also serves the functions of special features of the AT90CAN32/64/128 as listed on page
78.
1.6.6
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the AT90CAN32/64/128 as listed
on page 80.
1.6.7
Port E (PE7..PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port E output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port E pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port E also serves the functions of various special features of the AT90CAN32/64/128 as listed
on page 83.
1.6.8
Port F (PF7..PF0)
Port F serves as the analog inputs to the A/D Converter.


Similar Part No. - AT90CAN128-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN128-16AI ATMEL-AT90CAN128-16AI Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN128-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com