Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32M1 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA32M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32M1 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA32M1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 9Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 10Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 11Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 12Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 13Page - ATMEL Corporation ATMEGA32M1 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
11
7647DS–AVR–08/08
ATmega16/32/64/M1/C1
2.3.3
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the ATmega16/32/64/M1/C1 as
listed on page 68.
2.3.4
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port C also serves the functions of special features of the ATmega16/32/64/M1/C1 as listed on
page 72.
2.3.5
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the ATmega16/32/64/M1/C1 as
listed on page 75.
2.3.6
Port E (PE2..0) RESET/ XTAL1/
XTAL2
Port E is an 3-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port E output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port E pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
If the RSTDISBL Fuse is programmed, PE0 is used as an I/O pin. Note that the electrical char-
acteristics of PE0 differ from those of the other pins of Port E.
If the RSTDISBL Fuse is unprogrammed, PE0 is used as a Reset input. A low level on this pin
for longer than the minimum pulse length will generate a Reset, even if the clock is not running.
The minimum pulse length is given in Table 7-1 on page 46. Shorter pulses are not guaranteed
to generate a Reset.
Depending on the clock selection fuse settings, PE1 can be used as input to the inverting Oscil-
lator amplifier and input to the internal clock operating circuit.
Depending on the clock selection fuse settings, PE2 can be used as output from the inverting
Oscillator amplifier.


Similar Part No. - ATMEGA32M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega32M1 ATMEL-ATmega32M1 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega32M1 ATMEL-ATmega32M1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1 ATMEL-ATMEGA32M1 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega32M1 ATMEL-ATmega32M1 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATMEGA32M1 ATMEL-ATMEGA32M1 Datasheet
12Mb / 318P
   8-bit AVR Microcontroller with 16K/32K/64Kbytes
More results

Similar Description - ATMEGA32M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com