Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN32-16MI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90CAN32-16MI
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN32-16MI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90CAN32-16MI Datasheet HTML 7Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 8Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 9Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 10Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 11Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 12Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 13Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 14Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
7679HS–CAN–08/08
AT90CAN32/64/128
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
page 287
(0x7B)
ADCSRB
–ACME
ADTS2
ADTS1
ADTS0
page 291, 269
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 289
(0x79)
ADCH
- / ADC9
- / ADC8
- / ADC7
- / ADC6
- / ADC5
- / ADC4
ADC9 / ADC3
ADC8 / ADC2
page 290
(0x78)
ADCL
ADC7 / ADC1
ADC6 / ADC0
ADC5 / -
ADC4 / -
ADC3 / -
ADC2 / -
ADC1 / -
ADC0 /
page 290
(0x77)
Reserved
(0x76)
Reserved
(0x75)
XMCRB
XMBK
XMM2
XMM1
XMM0
page 33
(0x74)
XMCRA
SRE
SRL2
SRL1
SRL0
SRW11
SRW10
SRW01
SRW00
page 32
(0x73)
Reserved
(0x72)
Reserved
(0x71)
TIMSK3
–ICIE3
OCIE3C
OCIE3B
OCIE3A
TOIE3
page 142
(0x70)
TIMSK2
OCIE2A
TOIE2
page 162
(0x6F)
TIMSK1
–ICIE1
OCIE1C
OCIE1B
OCIE1A
TOIE1
page 142
(0x6E)
TIMSK0
OCIE0A
TOIE0
page 112
(0x6D)
Reserved
(0x6C)
Reserved
(0x6B)
Reserved
(0x6A)
EICRB
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
page 94
(0x69)
EICRA
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
page 93
(0x68)
Reserved
(0x67)
Reserved
(0x66)
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
page 42
(0x65)
Reserved
(0x64)
Reserved
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 44
(0x60)
WDTCR
WDCE
WDE
WDP2
WDP1
WDP0
page 58
0x3F (0x5F)
SREG
IT
H
S
V
N
Z
C
page 11
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
page 14
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 14
0x3C (0x5C)
Reserved
0x3B (0x5B)
RAMPZ(1)
RAMPZ0
page 13
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
page 326
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
JTD
–PUD
IVSEL
IVCE
page 64, 73, 304
0x34 (0x54)
MCUSR
JTRF
WDRF
BORF
EXTRF
PORF
page 56, 304
0x33 (0x53)
SMCR
–SM2
SM1
SM0
SE
page 46
0x32 (0x52)
Reserved
0x31 (0x51)
OCDR
IDRD/OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
page 299
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
page 270
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
page 175
0x2D (0x4D)
SPSR
SPIF
WCOL
–SPI2X
page 175
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
page 173
0x2B (0x4B)
GPIOR2
GPIOR27
GPIOR26
GPIOR25
GPIOR24
GPIOR23
GPIOR22
GPIOR21
GPIOR20
page 36
0x2A (0x4A)
GPIOR1
GPIOR17
GPIOR16
GPIOR15
GPIOR14
GPIOR13
GPIOR12
GPIOR11
GPIOR10
page 36
0x29 (0x49)
Reserved
0x28 (0x48)
Reserved
0x27 (0x47)
OCR0A
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
page 112
0x26 (0x46)
TCNT0
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
page 111
0x25 (0x45)
Reserved
0x24 (0x44)
TCCR0A
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
page 109
0x23 (0x43)
GTCCR
TSM
PSR2
PSR310
page 98, 164
0x22 (0x42)
EEARH(2)
EEAR11
EEAR10
EEAR9
EEAR8
page 22
0x21 (0x41)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 22
0x20 (0x40)
EEDR
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
page 23
0x1F (0x3F)
EECR
EERIE
EEMWE
EEWE
EERE
page 23
0x1E (0x3E)
GPIOR0
GPIOR07
GPIOR06
GPIOR05
GPIOR04
GPIOR03
GPIOR02
GPIOR01
GPIOR00
page 36
0x1D (0x3D)
EIMSK
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
page 95
0x1C (0x3C)
EIFR
INTF7
INTF6
INTF5
INTF4
INTF3
INTF2
INTF1
INTF0
page 95
0x1B (0x3B)
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - AT90CAN32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32-16MI ATMEL-AT90CAN32-16MI Datasheet
518Kb / 16P
   Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90CAN32-16MI ATMEL-AT90CAN32-16MI Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com