Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D940HF-CJ Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT572D940HF-CJ
Description  DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D940HF-CJ Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT572D940HF-CJ Datasheet HTML 4Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 5Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 6Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 7Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 8Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 9Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 10Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 11Page - ATMEL Corporation AT572D940HF-CJ Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
7010AS–DSP–07/07
AT572D940HF Preliminary
3.
Pin Description
Table 3-1.
AT572D940HF Pin Description
Module
Name
Function
Type
Active
Level
Notes
AIC
EXT_IRQ0 -
EXT_IRQ2
External Interrupt Request
bi-03
input through PIO line
AIC
M_MODE
Interrupt Request from mAgicV
bi-03
output through PIO line
AIC
M_SIRQ0 -
M_SIRQ3
Generic Interrupt Request from
mAgicV
bi-03
output through PIO line
A JTAG
A_JCFG
ARM JTAG / Chip Boundary Scan
select
in
internal pull-down resistor (ARM JTAG
selected)
A JTAG
A_RTCK
ARM JTAG Returned Test Clock
out-03
A JTAG
A_TCK
ARM JTAG Test Clock
in
no pull-up resistor
A JTAG
A_TDI
ARM JTAG Test Data Input
in
no pull-up resistor
A JTAG
A_TDO
ARM JTAG Test Data Output
out-03
A JTAG
A_TMS
ARM JTAG Test Mode Select
in
no pull-up resistor
CAN
CAN0_RX
CAN 0 bus Data in
bi-03
input through PIO line
CAN
CAN0_TX
CAN 0 bus Data out
bi-03
output through PIO line
CAN
CAN1_RX
CAN 1 bus Data in
bi-03
input through PIO line
CAN
CAN1_TX
CAN 1 bus Data out
bi-03
output through PIO line
CF Logic
CF_NCE1-
CF_NCE2
CompactFlash Chip Enable
bi-03
low
output through PIO line
CF Logic
CF_NOE
CompactFlash Output Enable
out-03
low
CF Logic
CF_NWE
CompactFlash Write Enable
out-03
low
CF Logic
CF_NIOR
CompactFlash IO Read
out-03
low
CF Logic
CF_NIOW
CompactFlash IO Write
out-03
low
CF Logic
CF_RNW
CompactFlash Read Not Write
bi-03
output through PIO line
CF Logic
CF_NCS0 -
CF_NCS1
CompactFlash Chip Select
bi-03
low
output through PIO line
DBGU
DBG_RXD
Debug Serial Line Data in
bi-03
input through PIO line
DBGU
DBG_TXD
Debug Serial Line Data out
bi-03
output through PIO line
EBI
A0 - A21
Address Bus
out-03
0 at reset
EBI
A22 - A25
Address Bus
bi-03
output through PIO line
0 at reset
EBI
D0- D31
Data Bus
bi-03
Pulled-up input at reset
EBI
NWAIT
External Wait Signal
low
input through PIO line
EBI
BMS
Boot Memory Select
bi-03
input through PIO line
1! external boot selected
0! internal boot selected
ETH
E_RXER
Ethernet RMII Receive Error
bi-03
input through PIO line


Similar Part No. - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D940HF-CJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
   DIOPSIS 740 Dual Core DSP
AT91SAM9261 ATMEL-AT91SAM9261 Datasheet
7Mb / 688P
   ARM926EJ-S BASED MICROCONTROLLER
logo
List of Unclassifed Man...
NUC946ADN ETC2-NUC946ADN Datasheet
1Mb / 376P
   32-BIT ARM926EJ-S BASED MCU
logo
Nuvoton Technology Corp...
NUC920ABN NUVOTON-NUC920ABN Datasheet
2Mb / 529P
   32-BIT ARM926EJ-S BASED MCU
NUC910ABN NUVOTON-NUC910ABN Datasheet
3Mb / 669P
   32-bit ARM926EJ-S Based Microcontroller
logo
List of Unclassifed Man...
N3291XUXDN ETC2-N3291XUXDN Datasheet
1Mb / 34P
   ARM926EJ-S Based Media Processor
logo
Nuvoton Technology Corp...
NUC945ADN NUVOTON-NUC945ADN Datasheet
1Mb / 333P
   32-BIT ARM926EJ-S BASED MCU
NUC951ADN NUVOTON-NUC951ADN Datasheet
3Mb / 590P
   32-bit ARM926EJ-S Based Microcontroller
logo
ATMEL Corporation
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
643Kb / 39P
   Incorporates the ARM926EJ-S ARM Thumb Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com