Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM400.A30A207 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GM400.A30A207
Description  Absolute encoders - SSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GM400.A30A207 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GM400.A30A207 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GM400.A30A207 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GM400.A30A207 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GM400.A30A207 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GM400.A30A207 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GM400.A30A207 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.baumerivo.com
Absolute encoders - SSI
3
www.baumerivo.com
www.baumerivo.com
GM400, GM401 - SSI
Shaft with clamping or synchro flange
Optical multiturn encoders 14 bit ST / 12 bit MT
SSI
Circuit
SSI-Clock
Optocoupler
SSI-Data
Linedriver RS485
Control inputs
Input circuit
Input level High
>0.7 UB
Input level Low
<0.3 UB
Input resistance
10 kΩ
Diagnostic outputs or
Output circuit
Incremental outputs
Push-pull circuit-proof
Output level High
>UB -3.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Incremental outputs
Linedriver RS422
Output level High
>2.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Outputs
Sine / Cosine
Input level
1 Vpp ±10 %
Load
<10 mA
Trigger level
tv
bit n bit n-1
tm
bit 3 bit 2
bit 1
T=1/f
clock
data
tp
Clock frequency f
62.5...1500 kHz
Scan ratio of T
40...60 %
Time lag tv
150 ns
Monoflop time tm
25 µs + T/2
Clock interval tp
30 µs
Data transfer
Accessories
Connectors and cables (page %S)
Z 130.001
Female connector M23, 12-pin, less cable
Z 130.003
Female connector M23, 12-pin, 2 m cable
Z 182.001
Female connector M23, 12-pin, less cable
(incr.)
Z 182.003
Female connector M23, 12-pin, 2 m (incr.)
Mounting accessories for GM400 (page %S)
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.017
Mounting angle for clamping flange
Mounting accessories for GM401 (page %S)
Z 119.006
Eccentric fixing, single
Z 119.015
Mounting adaptor for synchro flange
Z 119.035
Bearing flange for encoders with synchro
flange


Similar Part No. - GM400.A30A207

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM400 3M-GM400 Datasheet
37Kb / 4P
   3M??Gripping Material
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
   600V/400A 2 IN ONE PACKAGE
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
More results

Similar Description - GM400.A30A207

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com