Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS42435-CMZR Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42435-CMZR
Description  108 dB, 192 kHz 4-In, 8-Out TDM CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42435-CMZR Datasheet(HTML) 1 Page - Cirrus Logic

  CS42435-CMZR Datasheet HTML 1Page - Cirrus Logic CS42435-CMZR Datasheet HTML 2Page - Cirrus Logic CS42435-CMZR Datasheet HTML 3Page - Cirrus Logic CS42435-CMZR Datasheet HTML 4Page - Cirrus Logic CS42435-CMZR Datasheet HTML 5Page - Cirrus Logic CS42435-CMZR Datasheet HTML 6Page - Cirrus Logic CS42435-CMZR Datasheet HTML 7Page - Cirrus Logic CS42435-CMZR Datasheet HTML 8Page - Cirrus Logic CS42435-CMZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
DECEMBER '07
DS685F2
108 dB, 192 kHz 4-In, 8-Out TDM CODEC
FEATURES
Four 24-bit A/D, Eight 24-bit D/A Converters
ADC Dynamic Range
105 dB Differential
102 dB Single-Ended
DAC Dynamic Range
108 dB Differential
105 dB Single-Ended
ADC/DAC THD+N
-98 dB Differential
-95 dB Single-Ended
Compatible with Industry-Standard Time
Division Multiplexed (TDM) Serial Interface
DAC Sampling Rates up to 192 kHz
ADC Sampling Rates up to 96 kHz
Programmable ADC High-Pass Filter for DC
Offset Calibration
Logarithmic Digital Volume Control
Hardware Mode or Software I²C® & SPI
Supports Logic Levels Between 5 V and 1.8 V
GENERAL DESCRIPTION
The CS42435 CODEC provides four multi-bit analog-to-
digital and eight multi-bit digital-to-analog delta-sigma
converters. The CODEC is capable of operation with ei-
ther differential or single-ended inputs and outputs, in a
52-pin MQFP package.
Four
fully differential, or single-ended, inputs are avail-
able on stereo ADC1 and ADC2. Digital volume control
is provided for each ADC channel, with selectable over-
flow detection. An auxiliary serial input is available for
an additional two channels of PCM data.
All eight DAC channels provide digital volume control
and can operate with differential or single-ended
outputs.
The CS42435 is available in a 52-pin MQFP package in
Commercial (-40°C to +85°C) and Automotive (-40°C to
+105°C) grades. The CDB42438 Customer Demonstra-
tion board is also available for device evaluation and
implementation suggestions. Please refer to “Ordering
Information”
on
page 57
for
complete
ordering
information.
The CS42435 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as A/V receivers, DVD receivers, and automotive audio
systems.
Control Port & Serial
Audio Port Supply =
1.8 V to 5 V
Register
Configuration
Internal Voltage
Reference
Reset
TDM Serial Audio
Input
Digital Supply = 3.3 V
Hardware Mode or
I
2C/SPI Software Mode
Control Data
Analog Supply =
3.3 V to 5 V
Differential or
Single-Ended
Outputs
8
Input Master
Clock
8
TDM Serial Audio
Output
Multibit
Oversampling
ADC1
High Pass
Filter
Differential or
Single-Ended
Analog Inputs
2
Digital
Filters
2
Multibit
Oversampling
ADC2
High Pass
Filter
2
Digital
Filters
2
Auxilliary Serial
Audio Input
Volume
Controls
Digital
Filters
Multibit
DAC1-4 and
Analog Filters
ΔΣ
Modulators
CS42435


Similar Part No. - CS42435-CMZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42435-CMZR CIRRUS-CS42435-CMZR Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
More results

Similar Description - CS42435-CMZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_07 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
CS42432 CIRRUS-CS42432 Datasheet
1,004Kb / 62P
   108 dB, 192 kHz 4-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 6-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com