Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5346-CQZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5346-CQZ
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5346-CQZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5346-CQZ Datasheet HTML 6Page - Cirrus Logic CS5346-CQZ Datasheet HTML 7Page - Cirrus Logic CS5346-CQZ Datasheet HTML 8Page - Cirrus Logic CS5346-CQZ Datasheet HTML 9Page - Cirrus Logic CS5346-CQZ Datasheet HTML 10Page - Cirrus Logic CS5346-CQZ Datasheet HTML 11Page - Cirrus Logic CS5346-CQZ Datasheet HTML 12Page - Cirrus Logic CS5346-CQZ Datasheet HTML 13Page - Cirrus Logic CS5346-CQZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
DS861PP1
CS5346
ANALOG CHARACTERISTICS (COMMERCIAL) CONT.
6.
Referred to the typical A/D Full-Scale Input Voltage.
Parameter
Symbol
Min
Typ
Max
Unit
Line-Level Input and Programmable Gain Amplifier
Gain Range
- 12
-4
-
-
+ 12
+4
dB
V/V
Gain Step Size
-0.5
-
dB
Absolute Gain Step Error
-
-
0.4
dB
Maximum Input Level
-
-
0.85*VA
Vpp
Input Impedance
Selected inputs
Un-selected inputs
28.8
-
36
-
43.2
38
k
k
Selected Interchannel Input Impedance Mismatch
-
5
-
%
Analog Outputs
Dynamic Range (Line Level Inputs)
A-weighted
unweighted
98
95
104
101
-
-
dB
dB
Total Harmonic Distortion + Noise (Line Level Inputs)
(Note 6)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-80
-81
-41
-74
-
-
dB
dB
dB
Dynamic Range (Mic Level Inputs)
A-weighted
unweighted
77
74
83
80
-
-
dB
dB
Total Harmonic Distortion + Noise (Mic Level Inputs)
(Note 6)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-74
-60
-20
-68
-
-
dB
dB
dB
Frequency Response 10 Hz to 20 kHz
-0.1dB
-
+0.1dB
dB
Analog In to Analog Out Phase Shift
-
180
-
deg
DC Current draw from a PGAOUT pin
IOUT
--
1
µA
AC-Load Resistance
RL
100
-
-
k
Load Capacitance
CL
--
20
pF


Similar Part No. - CS5346-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5340 CIRRUS-CS5340 Datasheet
436Kb / 24P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340 Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
436Kb / 24P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
More results

Similar Description - CS5346-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com