Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD4412A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CRD4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD4412A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CRD4412A Datasheet HTML 4Page - Cirrus Logic CRD4412A Datasheet HTML 5Page - Cirrus Logic CRD4412A Datasheet HTML 6Page - Cirrus Logic CRD4412A Datasheet HTML 7Page - Cirrus Logic CRD4412A Datasheet HTML 8Page - Cirrus Logic CRD4412A Datasheet HTML 9Page - Cirrus Logic CRD4412A Datasheet HTML 10Page - Cirrus Logic CRD4412A Datasheet HTML 11Page - Cirrus Logic CRD4412A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS786A2
CS4412A
DIGITAL I/O PIN CHARACTERISTICS
The logic level for each input is set by its corresponding power supply and should not exceed the maximum ratings.
Power
Supply
Pin
Number
Pin Name
I/O
Driver
Receiver
VD
1
CNFG0
Input
-
2.5 V - 5.0 V
2
CNFG1
Input
-
2.5 V - 5.0 V
3
CNFG2
Input
-
2.5 V - 5.0 V
4
IN1
Input
-
2.5 V - 5.0 V
5
IN2
Input
-
2.5 V - 5.0 V
6
IN3
Input
-
2.5 V - 5.0 V
7
IN4
Input
-
2.5 V - 5.0 V
8RST12
Input
-
2.5 V - 5.0 V
9
LVD
Input
-
2.5 V - 5.0 V
41
TWR
Output
2.5 V - 5.0 V, Open Drain
-
42
ERRUVTE
Output
2.5 V - 5.0 V, Open Drain
-
43
ERROC12
Output
2.5 V - 5.0 V, Open Drain
-
44
ERROC34
Output
2.5 V - 5.0 V, Open Drain
-
45
RAMP
Input
-
2.5 V - 5.0 V
46
RST34
Input
-
2.5 V - 5.0 V
VP
35
OUT1
Output
8 V - 18 V Power MOSFET
-
32
OUT2
Output
8 V - 18 V Power MOSFET
-
29
OUT3
Output
8 V - 18 V Power MOSFET
-
26
OUT4
Output
8 V - 18 V Power MOSFET
-
Table 1. I/O Power Rails


Similar Part No. - CRD4412A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4412A CIRRUS-CRD4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CRD4412A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
   60 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com