Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4365-CQZR Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4365-CQZR
Description  114 dB, 192 kHz 6-Channel D/A Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-CQZR Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4365-CQZR Datasheet HTML 4Page - Cirrus Logic CS4365-CQZR Datasheet HTML 5Page - Cirrus Logic CS4365-CQZR Datasheet HTML 6Page - Cirrus Logic CS4365-CQZR Datasheet HTML 7Page - Cirrus Logic CS4365-CQZR Datasheet HTML 8Page - Cirrus Logic CS4365-CQZR Datasheet HTML 9Page - Cirrus Logic CS4365-CQZR Datasheet HTML 10Page - Cirrus Logic CS4365-CQZR Datasheet HTML 11Page - Cirrus Logic CS4365-CQZR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
DS670F2
CS4365
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
Digital internal power
Serial data port interface power
Control port interface power
VA
VD
VLS
VLC
4.75
2.37
1.71
1.71
5.0
2.5
5.0
5.0
5.25
2.63
5.25
5.25
V
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial Grade (-CQZ)
Automotive Grade (-DQZ)
TA
-40
-40
-
-
+ 85
+105
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog power
Digital internal power
Serial data port interface power
Control port interface power
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
6.0
3.2
6.0
6.0
V
V
V
V
Input Current
Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
Serial data port interface
Control port interface
VIND-S
VIND-C
-0.3
-0.3
VLS+ 0.4
VLC+ 0.4
V
V
Ambient Operating Temperature (Power Applied)
Top
-55
125
°C
Storage Temperature
Tstg
-65
150
°C


Similar Part No. - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com