Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4365-CQZR Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4365-CQZR
Description  114 dB, 192 kHz 6-Channel D/A Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-CQZR Datasheet(HTML) 5 Page - Cirrus Logic

  CS4365-CQZR Datasheet HTML 1Page - Cirrus Logic CS4365-CQZR Datasheet HTML 2Page - Cirrus Logic CS4365-CQZR Datasheet HTML 3Page - Cirrus Logic CS4365-CQZR Datasheet HTML 4Page - Cirrus Logic CS4365-CQZR Datasheet HTML 5Page - Cirrus Logic CS4365-CQZR Datasheet HTML 6Page - Cirrus Logic CS4365-CQZR Datasheet HTML 7Page - Cirrus Logic CS4365-CQZR Datasheet HTML 8Page - Cirrus Logic CS4365-CQZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DS670F2
5
CS4365
LIST OF TABLES
Table 1. Single-Speed Mode Standard Frequencies ................................................................................21
Table 2. Double-Speed Mode Standard Frequencies ............................................................................... 21
Table 3. Quad-Speed Mode Standard Frequencies ................................................................................. 21
Table 4. PCM Digital Interface Format, Hardware Mode Options ............................................................. 22
Table 5. Mode Selection, Hardware Mode Options .................................................................................. 22
Table 6. Direct Stream Digital (DSD), Hardware Mode Options ............................................................... 22
Table 7. Digital Interface Formats - PCM Mode ........................................................................................ 36
Table 8. Digital Interface Formats - DSD Mode ........................................................................................ 36
Table 9. ATAPI Decode Table .................................................................................................................. 42
Table 10. Example Digital Volume Settings .............................................................................................. 43


Similar Part No. - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com