Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4382 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4382
Description  114 dB, 192 kHz 8-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4382_08 Datasheet HTML 1Page - Cirrus Logic CS4382_08 Datasheet HTML 2Page - Cirrus Logic CS4382_08 Datasheet HTML 3Page - Cirrus Logic CS4382_08 Datasheet HTML 4Page - Cirrus Logic CS4382_08 Datasheet HTML 5Page - Cirrus Logic CS4382_08 Datasheet HTML 6Page - Cirrus Logic CS4382_08 Datasheet HTML 7Page - Cirrus Logic CS4382_08 Datasheet HTML 8Page - Cirrus Logic CS4382_08 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DS514F2
5
CS4382
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS
(Full-Scale Output Sine Wave, 997 Hz; Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Test
load RL = 3 kΩ, CL = 100 pF, VA = 5 V, VD = 3.3 V (see Figure 5)
For Single-Speed Mode, Fs = 48 kHz, SCLK = 3.072 MHz, MCLK = 12.288 MHz;
For Double-Speed Mode, Fs = 96 kHz, SCLK = 6.144 MHz, MCLK = 12.288 MHz;
For Quad-Speed Mode, Fs = 192 kHz, SCLK = 12.288 MHz, MCLK = 24.576 MHz;
For Direct Stream Digital Mode, Fs = 128 x 48 kHz, DSD_SCLK = 6.144 MHz, MCLK = 12.288 MHz).
Notes:
1.
CS4382-KQZ parts are tested at 25°C.
2.
One-half LSB of triangular PDF dither is added to data.
3.
Performance limited by 16-bit quantization noise.
Parameters
Symbol
Min
Typ
Max
Unit
CS4382-KQZ Dynamic Performance - All PCM modes and DSD (Note 1)
Specified Temperature Range
TA
-10
-
70
°C
Dynamic Range (Note 2)
24-bit
unweighted
A-Weighted
16-bit
unweighted
(Note 3) A-Weighted
105
108
-
-
111
114
94
97
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
(Note 3)
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-94
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
-
114
-
dB
Interchannel Isolation
(1 kHz)
-
90
-
dB


Similar Part No. - CS4382_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZ CIRRUS-CS4382A-CQZ Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
More results

Similar Description - CS4382_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com