Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4335-DSZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4335-DSZ
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4335-DSZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS4335-DSZ Datasheet HTML 1Page - Cirrus Logic CS4335-DSZ Datasheet HTML 2Page - Cirrus Logic CS4335-DSZ Datasheet HTML 3Page - Cirrus Logic CS4335-DSZ Datasheet HTML 4Page - Cirrus Logic CS4335-DSZ Datasheet HTML 5Page - Cirrus Logic CS4335-DSZ Datasheet HTML 6Page - Cirrus Logic CS4335-DSZ Datasheet HTML 7Page - Cirrus Logic CS4335-DSZ Datasheet HTML 8Page - Cirrus Logic CS4335-DSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Features
Complete Stereo DAC System: Interpolation,
D/A, Output Analog Filtering
24-Bit Conversion
96 dB Dynamic Range
-88 dB THD+N
Low Clock-Jitter Sensitivity
Single +5 V Power Supply
Filtered Line-Level Outputs
On-Chip Digital De-emphasis
Popguard® Technology
Functionally Compatible with CS4330/31/33
Description
The CS4334 family members are complete, stereo dig-
ital-to-analog output systems including interpolation,
1-bit D/A conversion and output analog filtering in an
8-pin package. The CS4334/5/8/9 support all major au-
dio data interface formats, and the individual devices
differ only in the supported interface format.
The CS4334 family is based on Delta-Sigma modula-
tion, where the modulator output controls the reference
voltage input to an ultra-linear analog low-pass filter.
This architecture allows for infinite adjustment of sam-
ple rate between 2 kHz and 100 kHz simply by
changing the master clock frequency.
The CS4334 family contains on-chip digital de-empha-
sis, operates from a single +5V power supply, and
requires minimal support circuitry. These features are
ideal for set-top boxes, DVD players, SVCD players,
and A/V receivers.
ORDERING INFORMATION
See “Ordering Information” on page 24
LRCK
3
SDATA
1
DEM/SCLK
2
MCLK
4
VA
AOUTL
8
AOUTR
5
Serial Input
Interface
Interpolator
Interpolator
De-emphasis
Modulator
∆Σ
Modulator
DAC
DAC
Voltage Reference
Analog
Low-Pass
Filter
Analog
Low-Pass
Filter
7
AGND
6
∆Σ
March '08
DS248F5
Confidential Draft
3/11/08
CS4334/5/8/9


Similar Part No. - CS4335-DSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4335-DS CIRRUS-CS4335-DS Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Similar Description - CS4335-DSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com