Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB4245 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4245
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4245 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4245 Datasheet HTML 1Page - Cirrus Logic CDB4245 Datasheet HTML 2Page - Cirrus Logic CDB4245 Datasheet HTML 3Page - Cirrus Logic CDB4245 Datasheet HTML 4Page - Cirrus Logic CDB4245 Datasheet HTML 5Page - Cirrus Logic CDB4245 Datasheet HTML 6Page - Cirrus Logic CDB4245 Datasheet HTML 7Page - Cirrus Logic CDB4245 Datasheet HTML 8Page - Cirrus Logic CDB4245 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
D/A Features
Multi-bit Delta Sigma Modulator
104 dB Dynamic Range
-90 dB THD+N
Up to 192 kHz Sampling Rates
Single-Ended Analog Architecture
Volume Control with Soft Ramp
– 0.5 dB Step Size
– Zero Crossing, Click-Free Transitions
Popguard® Technology
– Minimizes the Effects of Output Transients
Filtered Line-Level Outputs
Selectable Serial Audio Interface Formats
– Left-Justified up to 24-bit
– I²S up to 24-bit
– Right-Justified 16-, 18-, 20-, and 24-bit
Selectable 50/15 µs De-Emphasis
Control Output for External Muting
A/D Features
Multi-bit Delta Sigma Modulator
104 dB Dynamic Range
-95 dB THD+N
Stereo 6:1 Input Multiplexer
Programmable Gain Amplifier (PGA)
– ± 12 dB Gain, 0.5 dB Step Size
– Zero Crossing, Click-Free Transitions
Stereo Microphone Inputs
– +32 dB Gain Stage
– Low-Noise Bias Supply
Up to 192 kHz Sampling Rates
Selectable Serial Audio Interface Formats
– Left-Justified up to 24-bit
– I²S up to 24-bit
High-Pass Filter or DC Offset Calibration
1.8 V to 5 V
Multibit
ΔΣ Modulator
Multibit
ΔΣ Modulator
Low-Latency
Anti-Alias Filter
Internal Voltage
Reference
Interpolation
Filter
Interpolation
Filter
Left DAC Output
Right DAC Output
Switched Capacitor
DAC and Filter
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Low-Latency
Anti-Alias Filter
High Pass
Filter
High Pass
Filter
Stereo Input 1
Serial
Audio
Input
Serial
Audio
Output
3.3 V to 5 V
3.3 V to 5 V
Switched Capacitor
DAC and Filter
MUX
PGA
MUX
Volume
Control
Volume
Control
Mute
Control
Register Configuration
Reset
I2C/SPI
Control Data
Mute Control
Left Aux Output
Right Aux Output
Stereo Input 2
Stereo Input 3
Stereo Input 4 /
Mic Input 1 & 2
Stereo Input 5
Stereo Input 6
PGA
+32 dB
+32 dB
Interrupt
ADC Overflow
AUGUST '07
DS656F2
CS4245


Similar Part No. - CDB4245

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4245 CIRRUS-CDB4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results

Similar Description - CDB4245

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com