Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI342.G707109 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GI342.G707109
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI342.G707109 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GI342.G707109 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI342.G707109 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI342.G707109 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI342.G707109 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Incremental encoders
3
www.baumerivo.com
www.baumerivo.com
Without commutating tracks
Core colour Assignment
grey
Track B
pink
Track B inv.
red
Track N (zero pulse)
black
Track N inv. (zero pulse inv.)
brown
Track A
green
Track A inv.
white/green GND
brown/green UB
With commutating tracks
Core colour Assignment
brown/green UB
red
Zero setting
black
Zero setting inv.
brown
Track A
green
Track A inv.
pink
Track B inv.
grey
Track B
white/green GND
white
Track W inv.
yellow
Track W
blue
Track V
violet
Track V inv.
grey/pink
Track U inv.
red/blue
Track U
Please use cores twisted in pairs (for example track A /
track A inv.) for extension cables of more than 10 m length.
Terminal assignment
GI341, GI342 - incretivo
Hollow or end shaft max. ø15 mm
Resolution 5...2048 pulses
90°
Track A
Track A
Track B
Track B
Zero pulse
Zero pulse
Clockwise rotating when looking at flange.
Incremental signals
Commutation signals (optional)
Track U
Track U
Track V
Track V
Track W
Track W
120°
Output signals
Outputs
Linedriver RS422
Output level High
>2.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Outputs
Push-pull short-circuit proof
Output level High
>UB -3 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level


Similar Part No. - GI342.G707109

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI3403 GTM-GI3403 Datasheet
227Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI342.G707109

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com