Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS2200P-CZZR Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS2200P-CZZR
Description  Fractional-N Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2200P-CZZR Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS2200P-CZZR Datasheet HTML 7Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 8Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 9Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 10Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 11Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 12Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 13Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 14Page - Cirrus Logic CS2200P-CZZR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS2200-OTP
DS842PP1
11
5.3.2
Manual Ratio Modifier (R-Mod)
The manual Ratio Modifier is used to internally multiply/divide the currently addressed RUD (Ratio0-3
stored in the register space remain unchanged). The available options for R-Mod are summarized in
Table 2 on page 11. R-Mod is enabled via the M2 pin in conjunction with the appropriate setting of the
M2Config[2:0] global parameter (see Section 5.6.2 on page 14).
Table 2. Ratio Modifier
5.3.3
Effective Ratio (REFF)
The Effective Ratio (REFF) is an internal calculation comprised of RUD and the appropriate modifiers, as
previously described. REFF is calculated as follows:
REFF = RUD
R-Mod
To simplify operation the device handles some of the ratio calculation functions automatically (such as
when the internal timing reference clock divider is set). For this reason, the Effective Ratio does not need
to be altered to account for internal dividers.
Ratio modifiers which would produce an overflow or truncation of REFF should not be used. In all cases,
the maximum and minimum allowable values for REFF are dictated by the frequency limits for both the
input and output clocks as shown in the “AC Electrical Characteristics” on page 7.
Selection of the user defined ratio from the four stored ratios is made by using the M[1:0] pins.
5.3.4
Ratio Configuration Summary
The RUD is the user defined ratio for which up to four different values (Ratio0-3) can be stored in the one
time programmable memory. The M[1:0] pins then select the user defined ratio to be used as well as the
modal configuration set. R-Mod is applied accordingly. The user defined ratio and ratio modifier make up
the effective ratio REFF, the final calculation used to determine the output to input clock ratio. The effective
ratio is then corrected for the internal dividers. The conceptual diagram in Figure 5 summarizes the fea-
RModSel[1:0]
R Modifier
00
0.5
01
0.25
10
0.125
11
0.0625
Referenced Control
Parameter Definition
Ratio 0-3................................“Ratio 0 - 3” on page 17
RModSel[1:0] ........................ “R-Mod Selection (RModSel[1:0])” section on page 16
M2Config[2:0]........................“M2 Pin Configuration (M2Config[2:0])” on page 18
Referenced Control
Parameter Definition
M[1:0] pins............................. “M1 and M0 Mode Pin Functionality” on page 13


Similar Part No. - CS2200P-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2200P-CZZR CIRRUS-CS2200P-CZZR Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
More results

Similar Description - CS2200P-CZZR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com