Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS42L52 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 7Page - Cirrus Logic CS42L52 Datasheet HTML 8Page - Cirrus Logic CS42L52 Datasheet HTML 9Page - Cirrus Logic CS42L52 Datasheet HTML 10Page - Cirrus Logic CS42L52 Datasheet HTML 11Page - Cirrus Logic CS42L52 Datasheet HTML 12Page - Cirrus Logic CS42L52 Datasheet HTML 13Page - Cirrus Logic CS42L52 Datasheet HTML 14Page - Cirrus Logic CS42L52 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
DS680F1
11
CS42L52
5/13/08
3. CHARACTERISTIC AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
AGND=DGND=0 V, All voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
AGND = DGND = 0 V; All voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Notes:
1.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
2.
The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog
VA
1.65
2.63
V
Headphone Amplifier
+VHP
1.65
2.63
V
Speaker Amplifier
VP
1.60
5.25
V
Digital
VD
1.65
2.63
V
Serial/Control Port Interface
VL
1.65
3.47
V
Ambient Temperature
Commercial - CNZ
Automotive - DNZ
TA
-40
-40
+85
+105
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog
Speaker
Digital
Serial/Control Port Interface
VA, VHP
VP
VD
VL
-0.3
-0.3
-0.3
-0.3
3.0
6.0
3.0
4.0
V
V
V
V
Input Current
(Note 1)
Iin
-±10
mA
External Voltage Applied to Analog Input
(Note 2)
VIN
AGND-0.3
VA+0.3
V
External Voltage Applied to Analog Output
VIN
-VHP - 0.3
+VHP + 0.3
V
External Voltage Applied to Digital Input
(Note 2)
VIND
-0.3
VL+ 0.3
V
Ambient Operating Temperature
(power applied)
TA
-50
+115
°C
Storage Temperature
Tstg
-65
+150
°C


Similar Part No. - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
More results

Similar Description - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Cirrus Logic
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
   Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com