Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXM2S.124A106 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # GXM2S.124A106
Description  Absolute encoders - SSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXM2S.124A106 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  GXM2S.124A106 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXM2S.124A106 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXM2S.124A106 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXM2S.124A106 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - SSI
www.baumerivo.com
4
GXM2S
Connector dimensions
30
16
7.5
49.5
20
58
15 (9.5)
ø14 H7 x 35 (ø12 H7 x 35)
15°
M3
x 6
(6x
)
GXM2S - SSI
End shaft max. ø14 mm
Optical multiturn encoders 14 bit ST / 12 bit MT
Dimensions
SSI
Circuit
SSI-Clock
Optocoupler
SSI-Data
Linedriver RS485
Control inputs
Input circuit
Input level High
>0.7 UB
Input level Low
<0.3 UB
Input resistance
10 kΩ
Diagnostic outputs or
Output circuit
Incremental outputs
Push-pull circuit-proof
Output level High
>UB -3.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Incremental outputs
Linedriver RS422
Output level High
>2.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Outputs
Sine / Cosine
Input level
1 Vpp ±10 %
Load
<10 mA
Trigger level


Similar Part No. - GXM2S.124A106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GXM NSC-GXM Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
List of Unclassifed Man...
GXM-4300 ETC2-GXM-4300 Datasheet
638Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with HDMI, VGA, DVI-D,COM, Dual LAN, USB and CompactFlash or SATA drive support
logo
SL Power Electronics
GXM60 SLPOWER-GXM60 Datasheet
178Kb / 2P
   60 Watt-Range Input High Efficiency Desk-Top Supply
GXM60-12A01 SLPOWER-GXM60-12A01 Datasheet
178Kb / 2P
   60 Watt-Range Input High Efficiency Desk-Top Supply
GXM60-15A01 SLPOWER-GXM60-15A01 Datasheet
178Kb / 2P
   60 Watt-Range Input High Efficiency Desk-Top Supply
More results

Similar Description - GXM2S.124A106

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com