Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS48DV2B Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 3Page - Cirrus Logic CS48DV2B Datasheet HTML 4Page - Cirrus Logic CS48DV2B Datasheet HTML 5Page - Cirrus Logic CS48DV2B Datasheet HTML 6Page - Cirrus Logic CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic CS48DV2B Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
DS875F1
Copyright 2008 Cirrus Logic
7
CONFIDENTIAL
4. Hardware Functional Description
4.1 DSP Core
The CS48DV2B DSPs are single-core DSP with separate X and Y data and P code memory spaces.
The DSP core is a high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of
performing two multiply-and-accumulate (MAC) operations per clock cycle. The DSP core has eight
72-bit accumulators, four X- and four Y-data registers, and 12 index registers.
The DSP core is coupled to a flexible DMA engine. The DMA engine can move data between
peripherals such as the serial control port (SCP), digital audio input (DAI) and digital audio output
(DAO), or any DSP core memory, all without the intervention of the DSP. The DMA engine off loads
data move instructions from the DSP core, leaving more MIPS available for signal processing
instructions.
CS48DV2B functionality is controlled by application codes that are stored in on-board ROM or
downloaded to the CS48DV2B from a host controller or external serial FLASH/EEPROM.
Users can develop their applications using DSP Composer to create the processing chain and then
compile the image into a series of commands that are sent to the CS48DV2B through the SCP. The
processing application can either load modules (matrix-processors, virtualizers, post-processors)
from the DSPs on-board ROM, or custom firmware can be downloaded through the SCP.
The CS48DV2B is suitable for a variety of audio post-processing applications such as automotive
head-ends, automotive amplifiers, and boom boxes.
4.1.1 DSP Memory
The DSP core has its own on-chip data and program RAM and ROM and does not require external
memory for post-processing applications.
The Y-RAM and P-RAM share a single block of memory that can be configured to make Y and P
equal in size, or more memory can be allocated for Y-RAM in 2kword blocks.
4.1.2 DMA Controller
The powerful 8-channel DMA controller can move data between 8 on-chip resources. Each resource
has its own arbiter: X, Y, and P RAMs/ROMs and the peripheral bus. Modulo and linear addressing
Table 2. Device and Firmware Selection Guide
Devices
Availability
Suggested Applications
Specific Features
CS48DV2B-CQZ
CS48DV2B-DQZ
In Production Now
• Digital TV
Portable Audio
Docking Station
• Portable DVD
Players
• Multimedia PC
Speakers
• Soundbars
• Automotive
Entertainment
Systems
• 2.1 channels of audio
input and 2.1
channels of PCM
audio output.
• 512 FFT Window, 20-
Bands/Channel
• Dolby Volume Native
Processing of the
following Fs:
32 kHz
44.1 kHz
48 kHz


Similar Part No. - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-CQZ CIRRUS-CS48DV2B-CQZ Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B-DQZ CIRRUS-CS48DV2B-DQZ Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
More results

Similar Description - CS48DV2B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
New Japan Radio
NJU26207 NJRC-NJU26207 Datasheet
188Kb / 9P
   Dolby Volume Decoder
logo
Cirrus Logic
CS48AU2B CIRRUS-CS48AU2B Datasheet
489Kb / 26P
   Dedicated 32-bit Audio DSP for Audyssey Laboratories Technology
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Mitsubishi Electric Sem...
M65863FP MITSUBISHI-M65863FP Datasheet
459Kb / 36P
   Dolby Digital Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com