Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235F2V-A-20J Datasheet(PDF) 5 Page - STMicroelectronics

Part # PSD4235F2V-A-20J
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F2V-A-20J Datasheet(HTML) 5 Page - STMicroelectronics

  PSD4235F2V-A-20J Datasheet HTML 1Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 2Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 3Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 4Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 5Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 6Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 7Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 8Page - STMicroelectronics PSD4235F2V-A-20J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
PSD4000 Series
Preliminary Information
2
1.0
Introduction
(Cont.)
Please refer to the revision block at the end of this
document for updated information.
The PSD4135G2 device offers two methods to program PSD Flash memory while the PSD
is soldered to a circuit board.
t In-System Programming (ISP) via JTAG
An IEEE 1149.1 compliant JTAG-ISP interface is included on the PSD enabling the
entire device (both flash memories, the PLD, and all configuration) to be rapidly
programmed while soldered to the circuit board. This requires no MCU participation,
which means the PSD can be programmed anytime, even while completely blank.
The innovative JTAG interface to flash memories is an industry first, solving key
problems faced by designers and manufacturing houses, such as:
First time programming – How do I get firmware into the flash the very first time?
JTAG is the answer, program the PSD while blank with no MCU involvement.
Inventory build-up of pre-programmed devices – How do I maintain an accurate
count of pre-programmed flash memory and PLD devices based on customer
demand? How many and what version? JTAG is the answer, build your hardware
with blank PSDs soldered directly to the board and then custom program just before
they are shipped to customer. No more labels on chips and no more wasted
inventory.
Expensive sockets – How do I eliminate the need for expensive and unreliable
sockets? JTAG is the answer. Solder the PSD directly to the circuit board. Program
first time and subsequent times with JTAG. No need to handle devices and bend the
fragile leads.
t In-Application re-Programming (IAP)
Two independent flash memory arrays are included so the MCU can execute code
from one memory while erasing and programming the other. Robust product firmware
updates in the field are possible over any communication channel (CAN, Ethernet,
UART, J1850, etc) using this unique architecture. Designers are relieved of these
problems:
Simultaneous read and write to flash memory – How can the MCU program the
same memory from which it is executing code? It cannot. The PSD allows the MCU
to operate the two flash memories concurrently, reading code from one while erasing
and programming the other during IAP.
Complex memory mapping – How can I map these two memories efficiently?
A Programmable Decode PLD is embedded in the PSD. The concurrent PSD
memories can be mapped anywhere in MCU address space, segment by segment
with extremely high address resolution. As an option, the secondary flash memory
can be swapped out of the system memory map when IAP is complete. A built-in
page register breaks the MCU address limit.
Separate program and data space – How can I write to flash memory while it
resides in “program” space during field firmware updates, my 80C51XA won’t allow it
The flash PSD provides means to “reclassify” flash memory as “data” space during
IAP, then back to “program” space when complete.
PSDsoft – ST’s software development tool – guides you through the design process step-
by-step making it possible to complete an embedded MCU design
capable of ISP/IAP in just hours. Select your MCU and PSDsoft will take you through
the remainder of the design with point and click entry, covering...PSD selection, pin
definitions, programmable logic inputs and outputs, MCU memory map definition, ANSI C
code generation for your MCU, and merging your MCU firmware with the PSD design.
When complete, two different device programmers are supported directly from PSDsoft –
FlashLINK (JTAG) and PSDpro.
The PSD4135G2 is available in an 80-pin TQFP package.


Similar Part No. - PSD4235F2V-A-20J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F2V-A-20J STMICROELECTRONICS-PSD4235F2V-A-20J Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD4235F2V-A-20JI STMICROELECTRONICS-PSD4235F2V-A-20JI Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results

Similar Description - PSD4235F2V-A-20J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com