Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2035TS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2035TS
Description  HF full bridge control IC for HID lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2035TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2035TS Datasheet HTML 4Page - NXP Semiconductors UBA2035TS Datasheet HTML 5Page - NXP Semiconductors UBA2035TS Datasheet HTML 6Page - NXP Semiconductors UBA2035TS Datasheet HTML 7Page - NXP Semiconductors UBA2035TS Datasheet HTML 8Page - NXP Semiconductors UBA2035TS Datasheet HTML 9Page - NXP Semiconductors UBA2035TS Datasheet HTML 10Page - NXP Semiconductors UBA2035TS Datasheet HTML 11Page - NXP Semiconductors UBA2035TS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UBA2035_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2008
8 of 13
NXP Semiconductors
UBA2035
HF Full bridge control IC for HID lighting
IO(source)
output source current
VFSL =VFSR =VVDD =12V;
VSHL =VSHR =0V;
VGHL =VGHR =VGLL =VGLR = 8 V
-
200
-
mA
IO(sink)
output sink current
VFSL =VFSR =VVDD =12V;
VSHL =VSHR =0V;
VGHL =VGHR =VGLL =VGLR =8V
-
200
-
mA
Vd(bs)
bootstrap diode voltage
current on diode = 20 mA
-
2.3
-
V
tno
non-overlap time
-
80
250
ns
VUVLO
undervoltage lockout
voltage
high side driver
-
4.0
5.5
V
IFS
current on pin FS
VFSL =VFSR =12V;
VSHL =VSHR =0V
246
µA
DD input
VIH(DD)
HIGH-level input voltage
on pin DD
VVDD = 12 V
6
4.5
-
V
VIL(DD)
LOW-level input voltage on
pin DD
VVDD = 12 V
-
-
3
V
II
input current
VVDD = 12 V
-
0
1
µA
SU input
Vstartup
start-up voltage
VVDD = 12 V
1
1.3
1.5
V
Vhys
hysteresis voltage
VVDD = 12 V
-
100
-
mV
II
input current
VVDD = 12 V
-
0
1
µA
CLK input
VIH(CLK)
HIGH-level input voltage
on pin CLK
VSS(CLK) =0V; VDD(CLK) = 12 V
0.9
1.6
2.7
V
Vhys
hysteresis voltage
VSS(CLK) =0V; VDD(CLK) = 12 V
-
100
-
mV
II
input current
-
0
1
µA
fbridge
bridge frequency
VRC = 0 V
-
-
250
kHz
supply for CLK
IDD(CLK)
CLK supply current
VSS(CLK) =0V; VDD(CLK) = 14 V
-
420
625
µA
VDD(CLK)
CLK supply voltage
VSS(CLK) = 0 V
5.75
-
14
V
BD input
VBD
voltage on pin BD
1.23
1.29
1.35
V
II
input current
-
0
1
µA
Internal oscillator
fosc(int)
internal oscillator
frequency
VCLK =0V; VSS(CLK) = 0 V
-
-
100
kHz
Kosc
oscillator constant
fbridge = 500 Hz
0.89
0.97
1.05
Table 6.
Characteristics …continued
Tj =25 °C; all voltages are measured with respect to signal ground (pin 14); currents are positive when flowing into the IC,
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - UBA2035TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
   HF full bridge driver IC
2002 Oct 08
UBA2033TS PHILIPS-UBA2033TS Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
   Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
More results

Similar Description - UBA2035TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
   Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
   HF full bridge driver IC
2002 Oct 08
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
   High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com