Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFF1004HN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TFF1004HN
Description  Integrated mixer oscillator PLL for satellite LNB
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFF1004HN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TFF1004HN Datasheet HTML 5Page - NXP Semiconductors TFF1004HN Datasheet HTML 6Page - NXP Semiconductors TFF1004HN Datasheet HTML 7Page - NXP Semiconductors TFF1004HN Datasheet HTML 8Page - NXP Semiconductors TFF1004HN Datasheet HTML 9Page - NXP Semiconductors TFF1004HN Datasheet HTML 10Page - NXP Semiconductors TFF1004HN Datasheet HTML 11Page - NXP Semiconductors TFF1004HN Datasheet HTML 12Page - NXP Semiconductors TFF1004HN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TFF1004HN_N1_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2008
9 of 19
NXP Semiconductors
TFF1004HN/N1
Integrated mixer oscillator PLL for satellite LNB
[1]
See Table 7.
C5
decoupling of IF domain
100 nF
C6
XO_TANK circuit (only with overtone crystal)
18 pF
[1]
C7
XO_TANK circuit, DC coupling (only with overtone crystal) 4.7 nF
[1]
C8
REG_V_VCO decoupling
1 nF
maximum
value 1 nF
C9
loop filter
820 pF
C10
loop filter
220 nF
C11
output capacitor
100 pF
C12
main supply decoupling and 22 kHz rejection
47
µF
L1
XO_TANK circuit (only with overtone crystal)
470 nH [1]
L2
RF choke at 2.15 GHz
27 nH
R1
loop filter
120
X1
crystal; series resonant; ESR < 70
50 MHz [1]
Fig 7.
TFF1004HN/N1 in practice
Table 11.
List of components …continued
The Printed Circuit Board (PCB) is a Rogers RO4223 (
εr = 3.38); thickness = 0.51 mm.
For application diagram, see Figure 6.
Component Description
Value
Remarks
001aai393
9.75/10.6 GHz
TFF1004HN/N1
UAF3000
PLL
LO_SEL
horizontal
polarization
1st STAGE LNA
image
reject
filter
IF gain
RF gain
VCC
vertical
polarization
1st STAGE LNA
2nd STAGE LNA
3.3 V
REGULATOR
SUPPLY AND BAND/POLARIZATION SWITCHING
mixer


Similar Part No. - TFF1004HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFF1003HN NXP-TFF1003HN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
TFF1007HN NXP-TFF1007HN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - TFF1004HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFF1013HN NXP-TFF1013HN Datasheet
342Kb / 13P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 1-11 September 2013
TFF1012HN NXP-TFF1012HN Datasheet
138Kb / 12P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 1-10 October 2013
TFF1024HN NXP-TFF1024HN Datasheet
190Kb / 16P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 1-13 January 2015
TFF1018HN NXP-TFF1018HN Datasheet
433Kb / 12P
   Integrated mixer oscillator PLL for satellite LNB
Rev. 2-7 December 2011
TFF1044HN NXP-TFF1044HN Datasheet
365Kb / 27P
   Integrated mixer oscillator PLL for satellite quad LNB
Rev. 1-10 June 2015
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Unisonic Technologies
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
188Kb / 5P
   Integrated regulated supply for LNB
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com