Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9981BHL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9981BHL
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9981BHL Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9981BHL Datasheet HTML 1Page - NXP Semiconductors TDA9981BHL Datasheet HTML 2Page - NXP Semiconductors TDA9981BHL Datasheet HTML 3Page - NXP Semiconductors TDA9981BHL Datasheet HTML 4Page - NXP Semiconductors TDA9981BHL Datasheet HTML 5Page - NXP Semiconductors TDA9981BHL Datasheet HTML 6Page - NXP Semiconductors TDA9981BHL Datasheet HTML 7Page - NXP Semiconductors TDA9981BHL Datasheet HTML 8Page - NXP Semiconductors TDA9981BHL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TDA9981B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2008
2 of 41
NXP Semiconductors
TDA9981B
150 MHz pixel rate HDMI transmitter
3.
Applications
I DVD players and recorders
I Set-Top Box (STB)
I AV receivers and amplifiers (repeater)
I Camcorders
I Digital still cameras
I Media players
I PVRs
I Media centers PCs, graphics add-in boards, notebook PCs
I Switches
4.
Quick reference data
[1]
Worst case: video input format: 720p at 60 Hz (RGB4:4:4 embedded sync), video output format:
720p at 60 Hz (YCbCr4:4:4).
[2]
Video input format: 1080p (RGB 4 : 4 : 4 embedded sync, rising edge), video output format:
1080p (RGB 4:4:4).
Table 1.
Quick reference data
VDDA(FRO_3V3) = 3.0 V to 3.6 V; VDDA(PLL_3V3) = 3.0 V to 3.6 V; VDDH(3V3) = 3.0 V to 3.6 V;
VDDD(3V3) = 3.0 V to 3.6 V; VDDC(1V8) = 1.65 V to 1.95 V; VPP = 0 V; Tamb = 0 °C to 85 °C.
Typical values are measured at VDDA(FRO_3V3) = VDDA(PLL_3V3) = VDDH(3V3) = VDDD(3V3) = 3.3 V;
VDDC(1V8) = 1.8 V; VPP = 0 V and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TDA9981BHL/8 and TDA9981BHL/15
VDDA(FRO_3V3)
free running oscillator 3.3 V
analog supply voltage
3.0
3.3
3.6
V
VDDA(PLL_3V3)
PLL 3.3 V analog supply
voltage
3.0
3.3
3.6
V
VDDD(3V3)
digital supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDH(3V3)
HDMI supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDC(1V8)
core supply voltage (1.8 V)
1.65
1.8
1.95
V
Tamb
ambient temperature
0
-
85
°C
TDA9981BHL/8; up to 81 MHz
fclk(max)
maximum clock frequency
[1] 81
-
-
MHz
Pcons
power consumption
[1] -
235
288
mW
Ptot
total power dissipation
[1] -
369
438
mW
Ppd
power dissipation in
Power-down mode
-
1419mW
TDA9981BHL/15; up to 150 MHz
fclk(max)
maximum clock frequency
[2] 150
-
-
MHz
Pcons
power consumption
[2] -
381.5 468
mW
Ptot
total power dissipation
[2] -
515.5 618
mW
Ppd
power dissipation in
Power-down mode
-
1419mW


Similar Part No. - TDA9981BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Similar Description - TDA9981BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com