Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9981B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9981B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9981B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9981B Datasheet HTML 5Page - NXP Semiconductors TDA9981B Datasheet HTML 6Page - NXP Semiconductors TDA9981B Datasheet HTML 7Page - NXP Semiconductors TDA9981B Datasheet HTML 8Page - NXP Semiconductors TDA9981B Datasheet HTML 9Page - NXP Semiconductors TDA9981B Datasheet HTML 10Page - NXP Semiconductors TDA9981B Datasheet HTML 11Page - NXP Semiconductors TDA9981B Datasheet HTML 12Page - NXP Semiconductors TDA9981B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Double edge means both rising and falling edges.
Table 5.
Inputs of video input formatter
Color
space
Format
Channels
Sync
Rising
edge
Falling
edge
Double
edge[1]
Transmission
input format
Max. pixel clock
on pin VCLK
(MHz)
Max. input
format
Reference
RGB
4:4:4
3
× 8-bit
external
X
150
Table 6
external
X
150
embedded
X
150
embedded
X
150
YCbCr
4:4:4
3
× 8-bit
external
X
150
Table 7
external
X
150
embedded
X
150
embedded
X
150
YCbCr
4 : 2 : 2
up to 1
× 12-bit
ITU656-like
external
X
ITU656-like
54.054
480p/576p
Table 8
external
X
ITU656-like
54.054
480p/576p
external
X
ITU656-like
27.027
480p/576p
Table 9
embedded
X
ITU656-like
54.054
480p/576p
Table 10
embedded
X
ITU656-like
54.054
480p/576p
embedded
X
ITU656-like
27.027
480p/576p
Table 11
up to 2
× 12-bit
semi-planar
external
X
148.5
1080p
Table 12
external
X
148.5
1080p
embedded
X
SMPTE293M
148.5
1080p
Table 13
embedded
X
SMPTE293M
148.5
1080p


Similar Part No. - TDA9981B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Similar Description - TDA9981B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com