Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8933BTW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8933BTW
Description  Class D audio amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933BTW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8933BTW Datasheet HTML 6Page - NXP Semiconductors TDA8933BTW Datasheet HTML 7Page - NXP Semiconductors TDA8933BTW Datasheet HTML 8Page - NXP Semiconductors TDA8933BTW Datasheet HTML 9Page - NXP Semiconductors TDA8933BTW Datasheet HTML 10Page - NXP Semiconductors TDA8933BTW Datasheet HTML 11Page - NXP Semiconductors TDA8933BTW Datasheet HTML 12Page - NXP Semiconductors TDA8933BTW Datasheet HTML 13Page - NXP Semiconductors TDA8933BTW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TDA8933B_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 23 October 2008
10 of 42
NXP Semiconductors
TDA8933B
Class D audio amplifier
If the supply voltage exceeds 36 V the OVP circuit is activated and the power stages will
shut down. It is enabled again as soon as the supply voltage drops below the threshold
level. The power stage is restarted after 100 ms.
Supply voltages > 40 V may damage the TDA8933B. Two conditions should be
distinguished here:
If the supply voltage is pumped to higher values by the TDA8933B application itself
(see also Section 14.8), the OVP is triggered and the TDA8933B is shut down. The
supply voltage will decrease and the TDA8933B is thus protected against any
overstress.
If a supply voltage > 40 V is caused by other or by external causes the TDA8933B will
shut down, but the device can still be damaged since the supply voltage in this case
will remain > 40 V. The OVP protection is not a supply clamp.
An additional UnBalance Protection (UBP) circuit compares the positive analog supply
voltage VDDA with the negative analog supply voltage VSSA and is triggered if the
difference between them exceeds a certain level. This level depends on the sum of both
supply voltages. The UBP threshold levels can be defined as follows:
LOW-level threshold: VP(th)(ubp)l < 8/5 × VHVPREF
HIGH-level threshold: VP(th)(ubp)h > 8/3 × VHVPREF
In a symmetrical supply the UBP is released when the unbalance of the supply voltage is
within 6 % of its starting value.
Table 6 shows an overview of all protections and their effect on the output signal.
Table 6.
Overview of protections for the TDA8933B
Protection
Restart
When fault is removed
Every 100 ms
OTP
no
yes
OCP
yes
no
WP
yes
no
UVP
no
yes
OVP
no
yes
UBP
no
yes


Similar Part No. - TDA8933BTW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8933T NXP-TDA8933T Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
More results

Similar Description - TDA8933BTW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com