Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C754B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C754B
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C754B Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C754B Datasheet HTML 1Page - NXP Semiconductors SC16C754B Datasheet HTML 2Page - NXP Semiconductors SC16C754B Datasheet HTML 3Page - NXP Semiconductors SC16C754B Datasheet HTML 4Page - NXP Semiconductors SC16C754B Datasheet HTML 5Page - NXP Semiconductors SC16C754B Datasheet HTML 6Page - NXP Semiconductors SC16C754B Datasheet HTML 7Page - NXP Semiconductors SC16C754B Datasheet HTML 8Page - NXP Semiconductors SC16C754B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1.
General description
The SC16C754B is a quad Universal Asynchronous Receiver/Transmitter (UART) with
64-byte FIFOs, automatic hardware/software flow control, and data rates up to 5 Mbit/s
(3.3 V and 5 V). The SC16C754B offers enhanced features. It has a Transmission Control
Register (TCR) that stores receiver FIFO threshold levels to start/stop transmission during
hardware and software flow control. With the FIFO Ready (FIFO Rdy) register, the
software gets the status of TXRDY/RXRDY for all four ports in one access. On-chip status
registers provide the user with error indications, operational status, and modem interface
control. System interrupts may be tailored to meet user requirements. An internal
loopback capability allows on-board diagnostics.
The UART transmits data, sent to it over the peripheral 8-bit bus, on the TX signal and
receives characters on the RX signal. Characters can be programmed to be 5, 6, 7, or
8 bits. The UART has a 64-byte receive FIFO and transmit FIFO and can be programmed
to interrupt at different trigger levels. The UART generates its own desired baud rate
based upon a programmable divisor and its input clock. It can transmit even, odd, or no
parity and 1, 1.5, or 2 stop bits. The receiver can detect break, idle, or framing errors,
FIFO overflow, and parity errors. The transmitter can detect FIFO underflow. The UART
also contains a software interface for modem control operations, and has software flow
control and hardware flow control capabilities.
The SC16C754B is available in plastic LQFP64, LQFP80 and PLCC68 packages.
2.
Features
I 4 channel UART
I 5 V, 3.3 V and 2.5 V operation
I Pin compatible with SC16C654IA68, TL16C754, and SC16C554IA68 with additional
enhancements, and software compatible with TL16C754
I Up to 5 Mbit/s data rate (at 3.3 V and 5 V; at 2.5 V maximum data rate is 3 Mbit/s)
I 5 V tolerant on input only pins1
I 64-byte transmit FIFO
I 64-byte receive FIFO with error flags
I Industrial temperature range (−40 °C to +85 °C)
I Programmable and selectable transmit and receive FIFO trigger levels for DMA and
interrupt generation
SC16C754B
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte
FIFOs
Rev. 04 — 6 October 2008
Product data sheet
1.
For data bus pins D7 to D0, see Table 24 “Limiting values”.


Similar Part No. - SC16C754B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIA68 PHILIPS-SC16C754BIA68 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIB80 PHILIPS-SC16C754BIB80 Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754BIBM PHILIPS-SC16C754BIBM Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
More results

Similar Description - SC16C754B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
   5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com