Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58671UK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA58671UK
Description  1.2 W/channel stereo class-D audio amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58671UK Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA58671UK Datasheet HTML 2Page - NXP Semiconductors SA58671UK Datasheet HTML 3Page - NXP Semiconductors SA58671UK Datasheet HTML 4Page - NXP Semiconductors SA58671UK Datasheet HTML 5Page - NXP Semiconductors SA58671UK Datasheet HTML 6Page - NXP Semiconductors SA58671UK Datasheet HTML 7Page - NXP Semiconductors SA58671UK Datasheet HTML 8Page - NXP Semiconductors SA58671UK Datasheet HTML 9Page - NXP Semiconductors SA58671UK Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SA58671_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 October 2008
6 of 24
NXP Semiconductors
SA58671
1.2 W/channel stereo class-D audio amplifier
9.
Dynamic characteristics
Table 5.
Dynamic characteristics
Tamb =25 °C; RL =8 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
per channel; f = 1 kHz; THD+N = 10 %
RL =8 Ω; VDD = 5.0 V
-
1.3
-
W
RL =8 Ω; VDD = 3.6 V
-
0.72
-
W
RL =4 Ω; VDD = 5.0 V
-
1.2
-
W
THD+N
total harmonic
distortion-plus-noise
VDD = 5.0 V; Gv(cl) = 6 dB; f=1kHz
Po = 1 W
-
0.14
-
%
Po = 0.5 W
-
0.11
-
%
SVRR
supply voltage ripple
rejection
Gv(cl) = 6 dB; f = 217 Hz
VDD = 5.0 V
-
−77
-
dB
VDD = 3.6 V
-
−73
-
dB
CMRR
common mode rejection
ratio
VDD = 5.0 V; Gv(cl) = 6 dB; f = 217 Hz
-
−69
-
dB
Zi
input impedance
Gv(cl) = 6 dB
-
28.1
-
k
Gv(cl) = 12 dB
-
17.3
-
k
Gv(cl) = 18 dB
-
9.8
-
k
Gv(cl) = 24 dB
-
5.2
-
k
td(sd-startup)
delay time from
shutdown to start-up
VDD = 3.6 V
-
3.5
-
ms
Vn(o)
output noise voltage
VDD = 3.6 V; f = 20 Hz to 20 kHz;
inputs are AC grounded
no weighting
-
35
-
µV
A weighting
-
27
-
µV


Similar Part No. - SA58671UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results

Similar Description - SA58671UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com