Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI341.C727129 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GI341.C727129
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI341.C727129 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GI341.C727129 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI341.C727129 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI341.C727129 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI341.C727129 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
GI342 with hollow shaft
Features
Encoder with end or hollow shaft ø10-15 mm
Resolution max. 2048 ppr
Optical sensing
Flange and housing made of high-tech plastics
Tangential cable output
Available with commutation signals
Mounting depth 40 mm
Technical data - electrical ratings
Voltage supply
5 VDC ±10 %
4.75...30 VDC
Reverse polarity protection Yes (4.75...30 VDC)
Consumption w/o load
≤30 mA (24 VDC)
≤60 mA (5 VDC)
Resolution (steps/turn)
5...2048
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤150 kHz
Output signals
A 90° B, N + inverted
Output circuit
Linedriver RS422
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Approval
UL approval / E63076
GI341, GI342 - incretivo
Technical data - mechanical design
Housing
ø58 mm
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm
Rotor moment of inertia
60 gcm²
Material
Housing: carbon-fibre reinforced
polyamide
Operating temperature
-20...+80 °C
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
150 g
E-connection
Cable 1 m
GI341
Shaft
ø10...15 mm end shaft
Starting torque
≤0.015 Nm
GI342
Shaft
ø10...15 mm hollow shaft
Starting torque
≤0.05 Nm
Hollow or end shaft max. ø15 mm
Resolution 5...2048 pulses
Optional
Commutation tracks UVW
High temperature max. 120 °C (only GI341)


Similar Part No. - GI341.C727129

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI3403 GTM-GI3403 Datasheet
227Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI341.C727129

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com