Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD3V3S2UQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD3V3S2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3V3S2UQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD3V3S2UQ Datasheet HTML 3Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 4Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 5Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 6Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 7Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 8Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 9Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 10Page - NXP Semiconductors PESD3V3S2UQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
VR (V)
05
4
23
1
001aaa727
120
160
80
200
240
Cd
(pF)
40
(1)
(2)
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
Tamb = 25 °C; f = 1 MHz.
(1) PESD3V3S2UQ; VRWM = 3.3 V.
(2) PESD5V0S2UQ; VRWM =5V.
VR (V)
025
20
10
15
5
001aaa728
20
30
10
40
50
Cd
(pF)
0
(1)
(3)
(2)
Fig.7
Diode capacitance as a function of reverse
voltage; typical values.
Tamb = 25 °C; f = 1 MHz.
(1) PESD12VS2UQ; VRWM =12V.
(2) PESD15VS2UQ; VRWM =15V.
(3) PESD24VS2UQ; VRWM =24V.
Rev. 03 - 11 September 2008
7 of 13


Similar Part No. - PESD3V3S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S2UQ PHILIPS-PESD3V3S2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESD3V3S2UQ NXP-PESD3V3S2UQ Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESD3V3S2UQ NEXPERIA-PESD3V3S2UQ Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESD3V3S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com