Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD3V3U1UB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD3V3U1UB
Description  Ultra low capacitance unidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3V3U1UB Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD3V3U1UB Datasheet HTML 1Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 2Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 3Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 4Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 5Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 6Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 7Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 8Page - NXP Semiconductors PESD3V3U1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PESD3V3U1UA_UB_UL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
2 of 12
NXP Semiconductors
PESD3V3U1UA/UB/UL
Ultra low capacitance unidirectional ESD protection diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
PESD3V3U1UA; PESD3V3U1UB
1
cathode
[1]
2
anode
PESD3V3U1UL
1
cathode
[1]
2
anode
001aab540
12
006aaa152
2
1
2
1
Transparent
top view
006aaa152
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3U1UA
SC-76
plastic surface-mounted package; 2 leads
SOD323
PESD3V3U1UB
SC-79
plastic surface-mounted package; 2 leads
SOD523
PESD3V3U1UL
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
Table 5.
Marking codes
Type number
Marking code
PESD3V3U1UA
QT
PESD3V3U1UB
T8
PESD3V3U1UL
XZ


Similar Part No. - PESD3V3U1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3U1UB PHILIPS-PESD3V3U1UB Datasheet
96Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
208Kb / 10P
   Ultra low capacitance unidirectional ESD protection diodes
6 April 2021
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
More results

Similar Description - PESD3V3U1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1UL NXP-PESD5V0U1UL Datasheet
81Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD3V3U1UA PHILIPS-PESD3V3U1UA Datasheet
96Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UB-Q NEXPERIA-PESD5V0U1UB-Q Datasheet
202Kb / 11P
   Ultra low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
208Kb / 10P
   Ultra low capacitance unidirectional ESD protection diodes
6 April 2021
PESD3V3U1UA NEXPERIA-PESD3V3U1UA Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com